Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2991 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2991
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2991 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2991 Datasheet HTML 9Page - Linear Technology LTC2991 Datasheet HTML 10Page - Linear Technology LTC2991 Datasheet HTML 11Page - Linear Technology LTC2991 Datasheet HTML 12Page - Linear Technology LTC2991 Datasheet HTML 13Page - Linear Technology LTC2991 Datasheet HTML 14Page - Linear Technology LTC2991 Datasheet HTML 15Page - Linear Technology LTC2991 Datasheet HTML 16Page - Linear Technology LTC2991 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LTC2000A
13
2000afb
For more information www.linear.com/LTC2000A
32 Carrier DOCSIS Mid Band
Narrowband ACLR, fDAC = 2.7Gsps
32 Carrier DOCSIS High Band
Wideband ACLR, fDAC = 2.7Gsps
32 Carrier DOCSIS High Band
Narrowband ACLR, fDAC = 2.7Gsps
32-Carrier DOCSIS Low Band
Wideband ACLR, fDAC = 2.7Gsps
32-Carrier DOCSIS Low Band
Narrowband ACLR, fDAC = 2.7Gsps
32-Carrier DOCSIS Mid Band
Wideband ACLR, fDAC = 2.7Gsps
FREQUENCY (MHz)
50
–60
–40
850
2000A G34
–80
–100
–70
–50
–30
–90
–110
–120
–130
250
450
650
150
350
550
750
950 1050
RBW = 20kHz
VBW = 2kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –28.77dBm, CENTER FREQ = 386MHz
359
–60
–40
399
2000A G37
–80
–100
–70
–50
–30
–90
–110
–120
–130
369
379
389
409
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–39.64dBm
–29.39dBm
–28.89dBm
–28.83dBm
–28.74dBm
UPPER
–103.72dBm
–94.79dBm
–94.96dBm
–95.34dBm
–95.75dBm
RBW = 30kHz
VBW = 3kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 24s
FREQUENCY (MHz)
50
–60
–40
850 950
2000A G35
–80
–100
–70
–50
–30
–90
–110
–120
–130
250
450
650
150
350
550
750
1050
RBW = 20kHz
VBW = 2kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –28.59dBm, CENTER FREQ = 500MHz
473
–60
–40
513
2000A G38
–80
–100
–70
–50
–30
–90
–110
–120
–130
483
493
503
523
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–102.11dBm
–94.82dBm
–94.42dBm
–94.16dBm
–94.17dBm
UPPER
–39.71dBm
–28.18dBm
–28.96dBm
–29.11dBm
–29.04dBm
RBW = 30kHz
VBW = 3kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 24s
FREQUENCY (MHz)
50
–60
–40
950
850
2000A G36
–80
–100
–70
–50
–30
–90
–110
–120
–130
250
450
650
150
350
550
750
1050
RBW = 20kHz
VBW = 2kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –29.43dBm, CENTER FREQ = 800MHz
773
–60
–40
813
2000A G39
–80
–100
–70
–50
–30
–90
–110
–120
–130
783
793
803
823
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–97.92dBm
–89.60dBm
–89.45dBm
–89.52dBm
–89.38dBm
UPPER
–40.25dBm
–29.56dBm
–29.23dBm
–29.40dBm
–29.56dBm
RBW = 30kHz
VBW = 3kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 24s
TYPICAL PERFORMANCE CHARACTERISTICS I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.86V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
LTC2000A-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com