Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2255 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2255
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 2 Page - Linear Technology

  LTC2255 Datasheet HTML 1Page - Linear Technology LTC2255 Datasheet HTML 2Page - Linear Technology LTC2255 Datasheet HTML 3Page - Linear Technology LTC2255 Datasheet HTML 4Page - Linear Technology LTC2255 Datasheet HTML 5Page - Linear Technology LTC2255 Datasheet HTML 6Page - Linear Technology LTC2255 Datasheet HTML 7Page - Linear Technology LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2220/LTC2221
2
22201fa
CO VERTER CHARACTERISTICS
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ............... –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2220C, LTC2221C ............................. 0
°C to 70°C
LTC2220I, LTC2221I ...........................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2220
LTC2221
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
12
12
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
●
–1.5
±0.4
1.5
–1
±0.4
1
LSB
Differential Linearity Error
Differential Analog Input
●
–1
±0.3
1
–1
±0.2
1
LSB
Integral Linearity Error
Single-Ended Analog Input (Note 5)
±1
±1LSB
Differential Linearity Error
Single-Ended Analog Input
±0.3
±0.2
LSB
Offset Error
(Note 6)
●
–35
±3
35
–35
±335
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
µV/C
Full-Scale Drift
Internal Reference
±30
±30
ppm/C
External Reference
±15
±15
ppm/C
Transition Noise
SENSE = 1V
0.5
0.5
LSBRMS
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The temperature grade is identified by a label on the shipping container.
LTC2220CUP
LTC2220IUP
LTC2221CUP
LTC2221IUP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
UP PART MARKING*
LTC2220UP
LTC2220UP
LTC2221UP
LTC2221UP
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
AIN
+ 1
AIN
+ 2
AIN
– 3
AIN
– 4
REFHA 5
REFHA 6
REFLB 7
REFLB 8
REFHB 9
REFHB 10
REFLA 11
REFLA 12
VDD 13
VDD 14
VDD 15
GND 16
48 D9+/DA6
47 D9–/DA5
46 D8+/DA4
45 D8–/DA3
44 D7 +/DA2
43 D7 –/DA1
42 OVDD
41 OGND
40 D6+/DA0
39 D6–/CLOCKOUTA
38 D5+/CLOCKOUTB
37 D5–/OFB
36 CLOCKOUT +/DB11
35 CLOCKOUT –/DB10
34 OVDD
33 OGND
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com