Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP324J Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP324J
Description  Micropower Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP324J Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP324J Datasheet HTML 1Page - National Semiconductor (TI) LP324J Datasheet HTML 2Page - National Semiconductor (TI) LP324J Datasheet HTML 3Page - National Semiconductor (TI) LP324J Datasheet HTML 4Page - National Semiconductor (TI) LP324J Datasheet HTML 5Page - National Semiconductor (TI) LP324J Datasheet HTML 6Page - National Semiconductor (TI) LP324J Datasheet HTML 7Page - National Semiconductor (TI) LP324J Datasheet HTML 8Page - National Semiconductor (TI) LP324J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Curves (Continued)
Pulse Response
Voltage Follower
Response (Small Signal)
Voltage Follower Pulse
Rejection Ratio
Common Mode
TLH8562 – 20
Frequency Response
Large Signal
Current Sourcing
Output Characteristics
Current Sinking
Output Characteristics
Current Limiting
TLH8562 – 19
Application Hints
The LP124 series is a micro-power pin-for-pin equivalent to
the LM124 op amps Power supply current input bias cur-
rent and input offset current have all been reduced by a
factor of 10 over the LM124 Like its predecessor the
LP124 series op amps can operate on single supply have
true-differential inputs and remain in the linear mode with
an input common-mode voltage of 0 VDC
The pinouts of the package have been designed to simplify
PC board layouts Inverting inputs are adjacent to outputs
for all of the amplifiers and the outputs have also been
placed at the corners of the package (pins 1 7 8 and 14)
Precautions should be taken to insure that the power supply
for the integrated circuit never becomes reversed in polarity
or the unit is not inadvertently installed backwards in the
test socket as an unlimited current surge through the result-
ing forward diode within the IC could destroy the unit
Large differential input voltages can be easily accommodat-
ed and as input differential voltage protection diodes are
not needed no large input currents result from large differ-
ential input voltages The differential input voltage may be
larger than Va without damaging the device Protection
should be provided to prevent the input voltages from going
negative more than b03 VDC (at 25 C) An input clamp
diode with a resistor to the IC input terminal can be used
The amplifiers have a class B output stage which allows the
amplifiers to both source and sink output currents In appli-
cations where crossover distortion is undesirable a resistor
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com