Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA310 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MA310
Description  MagAlpha Communication Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA310 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MA310 Datasheet HTML 9Page - Monolithic Power Systems MA310 Datasheet HTML 10Page - Monolithic Power Systems MA310 Datasheet HTML 11Page - Monolithic Power Systems MA310 Datasheet HTML 12Page - Monolithic Power Systems MA310 Datasheet HTML 13Page - Monolithic Power Systems MA310 Datasheet HTML 14Page - Monolithic Power Systems MA310 Datasheet HTML 15Page - Monolithic Power Systems MA310 Datasheet HTML 16Page - Monolithic Power Systems MA310 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
EVKT-MACOM
– MAGALPHA COMMUNICATION KIT
EVKT-MACOM
www.MonolithicPower.com
14
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
MACOM APP
The Macom software is a powerful and easy-to-use application used to interact with the MagAlpha
sensor family. The Macom app provides a graphical visualization of the angle output and a convenient
way to read and write sensor parameters. This app also offers the following features:
 Register map overview (read/write sensor registers)
 Import configuration script (JSON)
 Export current configuration (JSON)
 Save measurement data
 Update EVKT-MACOM firmware (stored on LPC-Link2 flash)
 Sensor auto discovery (automatic detection of the available parameters and of the sensor
generation)
The Macom graphical user interface is divided in three areas: the toolbar, the angle readback, and the
sensor parameters.
1. Toolbar
Figure 23: Macom App Toolbar
Toolbar
Feature Name
Description
Connection
Switch the USB connection to the EVKT-MACOM on or off. This feature also launches a
sensor auto-discovery when the connection is switched ON (see Sensor Parameters
section on page 15).
Save Data
Saves the latest 2000 measured angles in a CSV file. This file can be also open natively by
any spreadsheet applications (e.g.: Microsoft Excel).
Registers
Switch the registers overview window display on or off (see Figure 24). This window
provides the overview of the complete register map at a glance. Users can switch between
decimal, hexadecimal, and binary register value representation by using the dropdown
button. It is also possible to refresh all registers value by clicking the Read button.
Import
Import sensor register settings and/or Macom configurations from a JSON file.
Export
Export sensor register settings and Macom configurations to a JSON file.
Update Firmware
Update the LPC-Link2 microcontroller firmware. To perform a firmware update, click on this
feature and follow the step-by-step instructions displayed on the firmware update wizard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com