Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 2 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2320-12
2
Rev B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................3V
Analog Input Voltage
AIN+, AIN– (Note 3)................... –0.3V to (VDD + 0.3V)
REFOUT1,2,3,4........................ .–0.3V to (VDD + 0.3V)
CNV........................................ –0.3V to (OVDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Operating Temperature Range
LTC2320C................................................ 0°C to 70°C
LTC2320I .............................................–40°C to 85°C
LTC2320H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16
15
17 18 19
TOP VIEW
53
GND
UKG PACKAGE
52-LEAD (7mm × 8mm) PLASTIC QFN
TJMAX = 150°C, θJA = 31°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
AIN6–
AIN6+
GND
AIN5–
AIN5+
REFOUT3
GND
REF
REFOUT2
AIN4–
AIN4+
GND
AIN3–
AIN3+
SDO8/SDOD–
SDO7/SDOD+
GND
OVDD
SDO6/SDOC–
SDO5/SDOC+
CLKOUTEN/CLKOUT–
CLKOUT/CLKOUT+
GND
OVDD
SDO4/SDOB–
SDO3/SDOB+
SDO2/SDOA–
SDO1/SDOA+
32
31
30
29
28
27
9
10
11
12
13
14
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2320CUKG-12#PBF
LTC2320CUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2320IUKG-12#PBF
LTC2320IUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
LTC2320HUKG-12#PBF
LTC2320HUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2320-12#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com