Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE22 Datasheet(PDF) 2 Page - 3M Electronics

Part # TAPE22
Description  Heavy Duty Vinyl Electrical Tape 22
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE22 Datasheet(HTML) 2 Page - 3M Electronics

  TAPE22 Datasheet HTML 1Page - 3M Electronics TAPE22 Datasheet HTML 2Page - 3M Electronics TAPE22 Datasheet HTML 3Page - 3M Electronics TAPE22 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Scotch® Heavy Duty Vinyl Electrical Tape 22
2 of 4
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties
(Test Method ASTM D-1000*)
Typical Value
US units (metric)
Color
Black
Thickness*
10 mils
Temperature Rating
UL 510
CSA C22.2 No 197-M1983
80ºC (176ºF)
80ºC (176ºF)
Adhesion to Steel*
22ºC (72ºF)
20 oz. /in. (2,2 N/10 mm)
Adhesion to Backing*
22ºC (72ºF)
20 oz. /in. (2,2 N/10 mm)
Breaking Strength*
22ºC (72ºF)
20 lbs./in. (35 N/10 mm)
Ultimate Elongation*
200%
Flagging*
< 0.1 in. (2,5 mm)
Telescoping
24 hrs. W 50ºC (120ºF)
< 0.1 in. (2,5 mm)
Flammability
UL 510
Pass
Electrical Properties
(Test Method ASTM D-1000*)
Typical Value
US units (metric)
Voltage Rating UL 510
600V
Dielectric Breakdown*
Standard condition
High Humidity Condition
12,000 volts
90% of Standard
Insulation Resistance*
> 1x 10
6 Megohms
Product
Specifications
Scotch
® Heavy Duty Vinyl Electrical Tape 22 is based on polyvinyl chloride (PVC)
and/or its copolymers, and has a rubber-based, pressure-sensitive adhesive. The
tape shall be 10 mils thick, and be UL Listed and marked per UL Standard 510 as
“Flame-Retardant and Cold-Resistant.” The tape must be applied at temperatures
ranging from 15°F through 100°F (-10°C through 38°C), without loss of physical
properties. It shall be classified for use in both indoor and outdoor environments. The
tape shall be compatible with synthetic cable insulations, jackets and splicing
compounds. Scotch
® Tape 22 will remain stable and will not telescope more than 0.1
inches when maintained at temperatures below 120°F (50°C).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com