Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2271 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2271 Datasheet HTML 14Page - Linear Technology LTC2271 Datasheet HTML 15Page - Linear Technology LTC2271 Datasheet HTML 16Page - Linear Technology LTC2271 Datasheet HTML 17Page - Linear Technology LTC2271 Datasheet HTML 18Page - Linear Technology LTC2271 Datasheet HTML 19Page - Linear Technology LTC2271 Datasheet HTML 20Page - Linear Technology LTC2271 Datasheet HTML 21Page - Linear Technology LTC2271 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC2385-18
20
238518f
For more information www.linear.com/LTC2385-18
Figure 13. Valid Time Window for Clocking Out Data
tFIRSTCLK
tLASTCLK
238518 F13
CNV
CLK
1
2
3
4
5
6
7
8
9
TIME WINDOW FOR CLOCKING OUT CONVERSION N
CONVERSION N
CONVERSION N+1
to run any digital track alongside an analog signal track
or underneath the ADC.
High quality ceramic bypass capacitors should be used
at the VDD, VDDL, OVDD, VCM, REFIN, and REFBUF pins.
Bypass capacitors must be located as close to the pins as
possible. Size 0402 ceramic capacitors are recommended
(except for REFBUF). The traces connecting the pins and
bypass capacitors must be kept short and should be made
as wide as possible.
Of particular importance is the capacitor between REFBUF
and REFGND, which should be a 10μF (X7R, 0805 size)
ceramic capacitor. This capacitor should be on the same
side of the circuit board as the ADC, and as close to the
device as possible. Adding a second, smaller capacitor in
parallel with the 10μF may degrade performance and is
not recommended.
Theanaloginputs,convertstart,anddigitaloutputsshould
not be routed next to each other. Ground fill and grounded
vias should be used as barriers to isolate these signals
from each other.
Exposed Package Pad
For good electrical and thermal performance, the exposed
pad on the bottom of the package must be soldered to a
large grounded pad on the PC board. This pad should be
connectedtotheinternalgroundplanesbyanarrayofvias.
Mechanical Stress Shift
The mechanical stress of mounting a part to a board can
cause subtle changes to the SNR and internal voltage
reference. The best soldering method is to use IR reflow
or convection soldering with a controlled temperature
profile. Hand soldering with a heat gun or a soldering iron
is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com