Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2271 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2271
Description  16-Bit, 15Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2271 Datasheet HTML 9Page - Linear Technology LTC2271 Datasheet HTML 10Page - Linear Technology LTC2271 Datasheet HTML 11Page - Linear Technology LTC2271 Datasheet HTML 12Page - Linear Technology LTC2271 Datasheet HTML 13Page - Linear Technology LTC2271 Datasheet HTML 14Page - Linear Technology LTC2271 Datasheet HTML 15Page - Linear Technology LTC2271 Datasheet HTML 16Page - Linear Technology LTC2271 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC2387-16
13
238716f
For more information www.linear.com/LTC2387-16
APPLICATIONS INFORMATION
ANALOG INPUTS
The LTC2387-16 has a fully differential ±4.096V input
range. The IN+ and IN– pins should be driven 180 degrees
out-of-phase with respect to each other, centered around
a common mode voltage (IN+ + IN–)/2 that is restricted
to (VREFBUF/2 ± 0.1V). The ADC samples and digitizes the
voltage difference between the two analog input pins (IN+
− IN–), and any unwanted signal that is common to both
inputs is reduced by the common mode rejection ratio
(CMRR) of the ADC. The analog inputs can be modeled
by the equivalent circuit shown in Figure 2. The diodes
and 10Ω resistors at the input provide ESD and overdrive
protection. In the acquisition phase, each input sees ap-
proximately 18pF (CSAMPLE) from the sampling capacitor
in series with 28Ω (RON) from the on-resistance of the
sampling switch. CPAR is a lumped capacitance on the
order of 2pF formed primarily of diode junctions.
The inputs draw a small current spike while charging the
CSAMPLEcapacitorsduringacquisition.Thiscurrentspikeis
consistentanddoesnotdependonthepreviouslysampled
input voltage. During conversion and power-down, the
analog inputs draw only a small leakage current.
Input Drive Circuits
A low impedance source can directly drive the high im-
pedance inputs of the LTC2387-16 without gain error. A
high impedance source should be buffered to minimize
settling time during acquisition and to optimize the dis-
tortion performance of the ADC. Minimizing settling time
is important even for DC signals because the ADC inputs
draw a current spike when entering acquisition.
For best performance, a buffer amplifier should be used
to drive the analog inputs of the LTC2387-16. The ampli-
fier provides low output impedance enabling fast settling
of the analog signal during the acquisition phase. It also
providesisolationbetweenthesignalsourceandthecurrent
spike drawn by the ADC inputs when entering acquisition.
The LTC2387-16 is optimized for pulsed inputs that are
fully settled when sampled, or dynamic signals up to the
Nyquist frequency (7.5MHz). Input signals that change
faster than 300mV/ns when they are sampled are not
recommended. This is equivalent to an 8VP-P sine wave
at 12MHz.
Input Filtering
The noise and distortion of the buffer amplifier and other
supporting circuitry must be considered since they add
to the ADC noise and distortion. A buffer amplifier with
low noise density must be selected to minimize SNR
degradation. A filter network should be placed between
the buffer output and ADC input to both minimize the
noise contribution of the buffer and reduce disturbances
reflected into the buffer from ADC sampling transients. A
simple one-pole lowpass RC filter is sufficient for many
applications. It is important that the RC time constant of
this filter be small enough to allow the analog inputs to
settlewithintheADCacquisitiontime(tACQ),asinsufficient
settling can limit INL and THD performance.
High quality capacitors and resistors should be used in
the RC filters since these components can add distortion.
Figure 1. LTC2387-16 Transfer Function
Figure 2. Equivalent Circuit for the Differential Analog
Inputs of the LTC2387-16
INPUT VOLTAGE (V)
0V
–1
LSB
238716 F01
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536
IN+
10
CPAR
2pF
CSAMPLE
18pF
VDD
238716 F02
IN–
BIAS
VOLTAGE
10
CPAR
2pF
CSAMPLE
18pF
VDD
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com