Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2668 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2668
Description  16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2668 Datasheet HTML 17Page - Linear Technology LTC2668 Datasheet HTML 18Page - Linear Technology LTC2668 Datasheet HTML 19Page - Linear Technology LTC2668 Datasheet HTML 20Page - Linear Technology LTC2668 Datasheet HTML 21Page - Linear Technology LTC2668 Datasheet HTML 22Page - Linear Technology LTC2668 Datasheet HTML 23Page - Linear Technology LTC2668 Datasheet HTML 24Page - Linear Technology LTC2668 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2668
21
2668fa
For more information www.linear.com/LTC2668
operation
The LTC2668 supports three types of toggle operations:
a first in which all selected channels are toggled together
using the SPI port; a second in which all selected channels
aretoggledtogetherusinganexternalclockorlogicsignal;
and a third in which any combination of channels can be
instructed to update from either input register A or B.
The internal toggle-update circuit is edge triggered, so
only transitions (of TGB or TGP) trigger an update from
the respective input register.
To toggle all selected channels together using the SPI port,
ensure the TGP pin is high and that the bits in the toggle
select register corresponding to the desired channels are
also high. Use the global toggle command (1101b) to
alternate codes, sequentially changing the global toggle
bit TGB (see Figure 7). Changing TGB from 1 to 0 updates
the DAC registers from their respective input registers
A. Changing TGB from 0 to 1 updates the DAC registers
from their respective input registers B. Note that in this
way up to 16 channels may be toggled with just one se-
rial command.
To toggle all selected channels using an external logic
signal, ensure that the TGB bit in the global toggle register
is high and that in the toggle select register, the bits cor-
responding to the desired channels are also high. Apply
a clock or logic signal to the TGP pin to alternate codes.
TGP falling edges update the DAC registers from their
associated input registers A. TGP rising edges update
the DAC registers from their associated input registers B.
Note that once the input registers are set up, all toggling
is triggered by the signal applied to the TGP pin, with no
further SPI instructions needed.
To cause any combination of channels to update from
either input register A or B, ensure the TGP pin is high
and that the TGB bit in the global toggle register is also
high. Using the toggle select command, set the toggle
select bits as needed to select the input register (A or B)
with which each channel is to be updated. Then update all
channels, either by using the serial command (1001b) or
by applying a negative pulse to the LDAC pin. Any channels
whose toggle select bits are 0 update from input register
Figure 8. Simplified Toggle Block Diagram. Conceptual Only, Actual Circuit May Differ
2668 F08
TOGGLE SELECT BIT T15
16
16
0
1
16
16
UPD
WR
CS/LD
SCK
SDI
LDAC 15
TGP
TGB
20
32-BIT SHIFT REGISTER
LOGIC
16-BIT TOGGLE SELECT REGISTER
ONE Tx BIT PER CHANNEL
GLOBAL TOGGLE
BIT (TGB)
INPUT REGISTER B
(16 BIT)
INPUT REGISTER A
(16 BIT)
A/B
MUX
DAC REGISTER
16-BIT
SOFTSPAN DAC
16
17
19
LTC2668
CHANNEL 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com