Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1611 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # CT1611
Description  DMA Controller with Buffer Memory,MIL-STD-1750A Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1611 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button CT1611 Datasheet HTML 16Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 20Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 21Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 22Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 23Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 24Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
SCDCT1611 Rev A
6
POLL CONT
Poll Operation Continue (Polling Mode only)
When set polling operation will continue with next
command in command stack.
When Not Set, polling operation will terminate after transaction is complete.
Last transfer in polling sequence must have this bit cleared.
0 = Not Set
1 = Set
7 - 15
MASK BITS
Returned Status Word Bit Masks
1 = Masked
0 = Not Masked
When a non masked bit in the returned status word(s) is set the transaction is
declared not valid.
Reg. Bit
Name
Definition
Bit
Status Bit
7
Terminal Flag
8
Dynamic Bus Control Acceptance
9
Subsystem Flag
10
Busy Bit *
11
Broadcast Command Received
12
Reserved Bits (any or all of 3)
13
Service Request Bit
14
Instrumentation Bit
15
Message Error Bit
* Note: Setting the busy bit mask will not mask a busy
response (i.e. declare it valid). When data is not
returned, in response to a transmit command.
Transaction Word Register con’t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com