Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2636 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2636
Description  16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2636 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2636 Datasheet HTML 16Page - Linear Technology LTC2636 Datasheet HTML 17Page - Linear Technology LTC2636 Datasheet HTML 18Page - Linear Technology LTC2636 Datasheet HTML 19Page - Linear Technology LTC2636 Datasheet HTML 20Page - Linear Technology LTC2636 Datasheet HTML 21Page - Linear Technology LTC2636 Datasheet HTML 22Page - Linear Technology LTC2636 Datasheet HTML 23Page - Linear Technology LTC2636 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC2668
20
2668fa
For more information www.linear.com/LTC2668
operation
Figure 6. Toggle Select Syntax
Figure 7. Global Toggle Syntax
allows the use of an external clock or logic signal to toggle
the DAC outputs between A and B. The signals from these
controls are combined as shown in Figure 8.
If the toggle function is not needed, tie TGP (Pin 20) to
ground and leave the toggle select register in its power-on
resetstate(clearedtozero).InputregistersAthenfunction
as the sole input registers, and registers B are not used.
Toggle Select Register (TSR)
The Toggle Select command (1100b) syntax is shown in
Figure 6. Each bit in the 16-bit TSR data field controls the
DAC channel of the same name: T0 controls channel 0,
T1 channel 1,…, and Tx controls channel x.
The toggle select bits (T0, T1,..., T15) have a dual function.
First, each toggle select bit controls which input register
(A or B) receives data from a write-code operation. When
the toggle select bit of a given channel is high, write-code
operationsaredirectedtoinputregisterBoftheaddressed
channel. When the bit is low, write-code operations are
directed to input register A.
Secondly,eachtoggleselectbitenablesthecorresponding
channel for a toggle operation.
Writing to Input Registers A and B
Having chosen channels to toggle, write the desired codes
to Input registers A for the chosen channels; then set
the channels’ toggle select bits using the toggle select
command; and finally, write the desired codes to input
registers B. Once these steps are completed, the channels
are ready to toggle. For example, to set up channel 3 to
toggle between codes 4096 and 4200:
1) Write code channel 3 (code = 4096) to register A
00000011 00010000 00000000
2) Toggle Select (set bit T3)
11000000 00000000 00001000
3) Write code channel 3 (code = 4200) to register B
00000011 00010000 01101000
The Write code of step (3) is directed to register B because
in step (2), bit T3 was set to 1. Channel 3 now has Input
registers A and B holding the two desired codes, and is
prepared for the toggle operation.
Toggling Between Registers A and B
Once Input registers A and B have been written to for all
desired channels and the corresponding toggle select bits
are set high, as in the previous example, the channels are
ready for toggling.
2668 F06
LSB
MSB
1
1
0
0
X
X
X
X
T15 T14 T13 T12 T11 T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
TOGGLE SELECT BITS (16 BITS, ONE FOR EACH CHANNEL)
DON’T CARE
TOGGLE SELECT
2668 F07
1
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
TGB
GLOBAL
TOGGLE
BIT
DON’T CARE
GLOBAL
TOGGLE COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com