Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2864 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2864
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2864 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2864 Datasheet HTML 9Page - Linear Technology LTC2864 Datasheet HTML 10Page - Linear Technology LTC2864 Datasheet HTML 11Page - Linear Technology LTC2864 Datasheet HTML 12Page - Linear Technology LTC2864 Datasheet HTML 13Page - Linear Technology LTC2864 Datasheet HTML 14Page - Linear Technology LTC2864 Datasheet HTML 15Page - Linear Technology LTC2864 Datasheet HTML 16Page - Linear Technology LTC2864 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2876/LTC2877
13
28767fa
For more information www.linear.com/LTC2876
28767 F06
DE
PA OR PB
0V
0V
VCC*
½VCC*
½VCC
½VCC
VCC
VOL
VOH
PB OR PA
tZLD,
tZLSD
tZHD,
tZHSD
tLZD
0.5V
0.5V
tHZD,
tSHDND
*FOR THE LTC2877, SUBSTITUTE VL FOR VCC
VCC
DI
RE
RO
DE
PA
PB
LOW OR
HIGH
LOW OR
HIGH
LTC2876/LTC2877
500
50pF
VCC WHEN
DI LOW
GND WHEN
DI HIGH
GND WHEN
DI LOW
VCC WHEN
DI HIGH
500
50pF
Figure 6. Driver Enable, Disable and Shutdown Timing Measurements
TesT circuiTs
28767 F07
LOW
LOW
LOW
PB–PA
RO
1.5V
–1.5V
VCC*
0
90%
90%
10%
10%
0V
tPLHR
∆tPR = |tPLHR – tPHLR|
tPHLR
tRR
*FOR THE LTC2877, SUBSTITUTE VL FOR VCC
tFR
½VCC*
½VCC*
VCC
DI
RE
RO
DE
LTC2876/LTC2877
15pF
PA
PB
±(PB–PA)/2
±(PB–PA)/2
VCM
Figure 7. Receiver Propagation Delay Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com