Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1606
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1606 Datasheet HTML 17Page - Linear Technology LTC1606 Datasheet HTML 18Page - Linear Technology LTC1606 Datasheet HTML 19Page - Linear Technology LTC1606 Datasheet HTML 20Page - Linear Technology LTC1606 Datasheet HTML 21Page - Linear Technology LTC1606 Datasheet HTML 22Page - Linear Technology LTC1606 Datasheet HTML 23Page - Linear Technology LTC1606 Datasheet HTML 24Page - Linear Technology LTC1606 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC2345-16
21
234516f
For more information www.linear.com/LTC2345-16
INPUT VOLTAGE (V)
0V
–1
LSB
234516 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536
Figure 2. LTC2345-16 Two’s Complement Transfer Function
INPUT VOLTAGE (V)
235816 F03
111...111
111...110
100...001
100...000
000...000
000...001
011...110
UNIPOLAR
ZERO
011...111
FSR – 1LSB
0V
FSR = +FS
1LSB = FSR/65536
Figure 3. LTC2345-16 Straight Binary Transfer Function
ANALOG INPUTS
Each channel of the LTC2345-16 simultaneously samples
the voltage difference (VIN+ – VIN–) between its analog
input pins over a wide common mode input range while
attenuating unwanted signals common to both input
pins by the common-mode rejection ratio (CMRR) of
the ADC. Wide common mode input range coupled with
applicaTions inForMaTion
high CMRR allows the IN+/IN– analog inputs to swing
with an arbitrary relationship to each other, provided
each pin remains between ground and VDD. This unique
feature of the LTC2345-16 enables it to accept a wide
variety of signal swings, including traditional classes of
analog input signals such as pseudo-differential unipolar,
pseudo-differentialbipolar, andfullydifferential,simplify-
ing signal chain design.
In all SoftSpan ranges, each channel’s analog inputs can
be modeled by the equivalent circuit shown in Figure 4.
At the start of acquisition, the 40pF sampling capacitors
(CIN) connect to the analog input pins IN+/IN– through the
samplingswitches,eachofwhichhasapproximately130Ω
(RIN)ofon-resistance.Theinitialvoltageonbothsampling
capacitorsatthestartofacquisitionisapproximatelyequal
to the sampled common-mode voltage (VIN+ + VIN–)/2
fromthepriorconversion.Theexternalcircuitryconnected
to IN+ and IN– must source or sink the charge that flows
through RIN as the sampling capacitors settle from their
initialvoltagestothenewinputpinvoltagesoverthecourse
of the acquisition interval. During conversion and power
down modes, the analog inputs draw only a small leakage
current. The diodes at the inputs provide ESD protection.
Figure 4. Equivalent Circuit for Differential Analog Inputs,
Single Channel Shown
IN+
RIN
130
RIN
130
CIN
40pF
CIN
40pF
VDD
VDD
BIAS
VOLTAGE
IN–
234516 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com