Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2865 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2865
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2865 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2865 Datasheet HTML 16Page - Linear Technology LTC2865 Datasheet HTML 17Page - Linear Technology LTC2865 Datasheet HTML 18Page - Linear Technology LTC2865 Datasheet HTML 19Page - Linear Technology LTC2865 Datasheet HTML 20Page - Linear Technology LTC2865 Datasheet HTML 21Page - Linear Technology LTC2865 Datasheet HTML 22Page - Linear Technology LTC2865 Datasheet HTML 23Page - Linear Technology LTC2865 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC2876/LTC2877
20
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
ELECTRICAL OVERSTRESS PROTECTION
Equipment used in industrial environments is often ex-
posed to extremely high levels of electrical overstress
due to phenomena such as electrostatic discharges (ESD)
from personnel or equipment, electrical fast transients
(EFT) from switching high current inductive loads, and
even lightning surges. The LTC2876/LTC2877 has been
designed to thrive in these adverse conditions.
ESD
Perhaps the most common exposure to electrical over-
stress is ESD, which results from the build-up of electrical
charge on one object, and discharged onto another in
close proximity. The LTC2876/LTC2877 features excep-
tionally robust ESD protection. The bus interface pins
(PB and PA) are protected to ±52kV human body model
(HBM) with respect to GND when unpowered and ±26kV
with respect to GND, VCC, or VL when powered, without
latchup or damage, in any mode of operation. Every other
pin on the device is protected to ±15kV ESD (HBM) for
all-around robustness. Figure 16 shows an unprotected
LTC2876 struck repeatedly with 26kV from an ESD gun
using air discharge to illustrate the strike energy. The
device continues to function normally after the strikes,
without damage or cycling the power.
Figure 16. This Single Exposure Image Captures the Striking Robustness of an Unprotected LTC2876 Hit Repeatedly with 26kV ESD
Discharges While Operating without Damage or Circuit Latchup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com