Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3413
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 4 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3617
4
3617fa
typical perForMance characteristics
Efficiency vs Input Voltage
Efficiency vs Frequency
Line Regulation
Output Voltage vs Time
INPUT VOLTAGE (V)
40
50
60
70
100
90
2.75
2.25
3.25
4.25
3.75
4.75
3617 G02
5.25
80
VOUT = 1.25V
ILOAD = 600mA
ILOAD = 2A
IOUT = 6A
INPUT VOLTAGE (V)
2.20
–0.3
–0.2
–0.1
0
0.1
0.3
2.75
3.30
3.85
4.40
3617 G05
4.95
5.50
0.2
VOUT
20mV/DIV
SW
2V/DIV
IL
1A/DIV
2µs/DIV
3617 G06
VOUT = 1.25V
ILOAD = 100mA
TA = 25°C, VIN = 3.3V, fO = 1MHz unless otherwise noted.
Efficiency vs Load Current
Load Regulation
LOAD CURRENT (A)
–6
–4
–2
–0.3
0.3
0.2
0.1
0
3617 G04
6
4
2
0
–0.1
–0.2
VOUT = 1.25V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.1
1
10
3617 G01
0
VIN = 2.5V
VIN = 3.3V
VIN = 5V
VOUT = 1.25V
FREQUENCY (MHz)
1
60
75
70
65
80
85
90
100
95
1.5
2.5
2
3
3.5
3617 G03
4
150nH
330nH
470nH
VOUT = 1.25V
Load Step Transient
Load Step Transient
VOUT
100mV/DIV
IL
4A/DIV
40µs/DIV
3617 G07
VOUT = 1.25V
ILOAD = 100mA TO 6A
COMPENSATION FIGURE 1
VOUT
200mV/DIV
IL
5A/DIV
40µs/DIV
3617 G09
VOUT = 1.25V
ILOAD = –6A TO 6A
COMPENSATION FIGURE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com