Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4236 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4236
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4236 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4236 Datasheet HTML 11Page - Linear Technology LTC4236 Datasheet HTML 12Page - Linear Technology LTC4236 Datasheet HTML 13Page - Linear Technology LTC4236 Datasheet HTML 14Page - Linear Technology LTC4236 Datasheet HTML 15Page - Linear Technology LTC4236 Datasheet HTML 16Page - Linear Technology LTC4236 Datasheet HTML 17Page - Linear Technology LTC4236 Datasheet HTML 18Page - Linear Technology LTC4236 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4236
15
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
in active current limit. When the voltage across the sense
resistorexceedsthefoldbackcurrentlimitthreshold(from
25mV to 8.3mV), FTMR pulls up with 100µA. Otherwise,
it pulls down with 2µA. The fault timer expires when the
1.235V FTMR threshold is exceeded, causing the FAULT
pin to pull low. For a given fault timer period, the equation
for setting the external capacitor CFT value is:
CFT = tFT • 0.083 [µF/ms]
After the fault timer expires, the FTMR pin capacitor pulls
down with 2µA from the 1.235V FTMR threshold until it
reaches0.2V.Then,itcompletes14coolingcyclesconsist-
ing of the FTMR pin capacitor charging to 1.235V with a
100µA current and discharging to 0.2V with a 2µA current.
At that point, the HGATE pin voltage is allowed to start up
if the fault has been cleared as described in the Resetting
Fault section. When the latched fault is cleared during the
cool-off period, the FAULT pin pulls high. The total cool-off
time for the MOSFET after an overcurrent fault is:
tCOOL = CFT • 8 [s/µF]
After the cool-off period, the HGATE pin is only allowed
to pull up if the fault has been cleared for the latchoff
part. For the auto-retry part, the latched fault is cleared
automatically following the cool-off period and the HGATE
pin voltage is allowed to restart.
Resetting Fault (LTC4236-1)
For the latchoff part, an overcurrent fault is latched after
the fault timer expires and the FAULT pin is asserted low.
Only the Hot Swap MOSFET is turned off and the ideal
diode MOSFETs are not affected.
To reset a latched fault and restart the output, pull the
ON pin below 0.6V for more than 100µs and then high
above 1.235V. The fault latch resets and the FAULT pin
de-asserts on the falling edge of the ON pin. When ON
goes high again and the cool-off cycle has completed, a
debounce timing cycle is initiated before the HGATE pin
voltage restarts. Toggling the EN pin high and then low
again also resets a fault, but the FAULT pin pulls high at
the end of the debounce cycle before the HGATE pin volt-
age starts up. Bringing all the supplies below the INTVCC
undervoltage lockout threshold (2.2V) shuts off all the
MOSFETs and resets the fault latch. A debounce cycle is
initiated before a normal start-up when any of the supplies
is restored above the INTVCC UVLO threshold.
Auto-Retry after a Fault (LTC4236-2)
For the auto-retry part, the latched fault is reset automati-
cally at the end of the cool-off period as described in the
FTMR Pin Functions section. At the end of the cool-off
period, the fault latch is cleared and FAULT pulls high.
The HGATE pin voltage is allowed to start up and turn on
the Hot Swap MOSFET. If the output short persists, the
supply powers up into a short with active current limiting
until the fault timer expires and FAULT again pulls low. A
new cool-off cycle begins with FTMR ramping down with
a 2µA current. The whole process repeats itself until the
output short is removed. Since tFT and tCOOL are a function
of FTMR capacitance CFT, the auto-retry cycle is equal to
0.15%, irrespective of CFT.
Figure 4 shows an auto-retry sequence after an overcur-
rent fault.
100ms/DIV
FTMR
2V/DIV
FAULT
10V/DIV
HGATE
20V/DIV
OUT
10V/DIV
4236 F04
Figure 4. Auto-Retry Sequence After a Fault
Monitor Undervoltage Fault
The ON pin functions as a turn-on control and an input
supply monitor. A resistive divider connected between
the supply diode-OR output (SENSE+) and GND at the
ON pin monitors the supply for undervoltage condition.
The undervoltage threshold is set by proper selection of
the resistors at the ON rising threshold voltage (1.235V).
For Figure 1, if R1 = 2k, R2 = 13.7k, the input supply
undervoltage threshold is set to 9.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com