Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1355
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1355 Datasheet HTML 15Page - Linear Technology LT1355 Datasheet HTML 16Page - Linear Technology LT1355 Datasheet HTML 17Page - Linear Technology LT1355 Datasheet HTML 18Page - Linear Technology LT1355 Datasheet HTML 19Page - Linear Technology LT1355 Datasheet HTML 20Page - Linear Technology LT1355 Datasheet HTML 21Page - Linear Technology LT1355 Datasheet HTML 22Page - Linear Technology LT1355 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC2335-18
19
233518f
For more information www.linear.com/LTC2335-18
applicaTions inForMaTion
OVERVIEW
The LTC2335-18 is an 18-bit, low noise 8-channel multi-
plexed successive approximation register (SAR) ADC with
differential, wide common mode range inputs. The ADC
operates from a 5V low voltage supply and flexible high
voltage supplies, nominally ±15V. Using the integrated
low-driftreferenceandbuffer(VREFBUF = 4.096Vnominal),
this SoftSpan ADC can be configured on a conversion-by-
conversionbasistoaccept±10.24V,0Vto10.24V,±5.12V,
or 0V to 5.12V signals on any channel. Alternately, the
ADC may be programmed to cycle through a sequence of
channelsandrangeswithoutfurtheruserintervention. The
input signal range may be expanded up to ±12.5V using
an external 5V reference.
The wide input common mode range and high CMRR
(118dB typical, VIN+ = VIN– = 18VP-P 200Hz Sine) of the
LTC2335-18analoginputsallowtheADCtodirectlydigitize
a variety of signals, simplifying signal chain design. The
absolute common mode input range is determined by
the choice of high voltage supplies, which may be biased
asymmetrically around ground and include the ability for
either the positive or negative supply to be tied directly to
ground. This input signal flexibility, combined with ±3LSB
INL, no missing codes at 18-bits, and 96.7dB SNR, makes
the LTC2335-18 an ideal choice for many high voltage
applications requiring wide dynamic range.
The LTC2335-18 supports pin-selectable SPI CMOS (1.8V
to 5V) and LVDS serial interfaces, enabling it to communi-
cate equally well with legacy microcontrollers and modern
FPGAs.TheLTC2335-18typicallydissipates180mWwhen
converting at 1Msps throughput. Optional nap and power
down modes may be employed to further reduce power
consumption during inactive periods.
CONVERTER OPERATION
The LTC2335-18 operates in two phases. During the ac-
quisition phase, the sampling capacitors in each channel
connect to their respective analog input pins and track
the differential analog input voltage (VIN+ – VIN–). A ris-
ing edge on the CNV pin transitions the S/H circuits from
track mode to hold mode, sampling the input signals and
initiating a conversion. During the conversion phase, the
selected channel's sampling capacitors are connected to
an 18-bit charge redistribution capacitor D/A converter
(CDAC). The CDAC is sequenced through a successive ap-
proximationalgorithm,effectivelycomparingthesampled
input voltage with binary-weighted fractions of the chan-
nel’s SoftSpan full-scale range (e.g., VFSR/2, VFSR/4 …
VFSR/262144) using a differential comparator. At the end
of this process, the CDAC output approximates the chan-
nel’s sampled analog input. The ADC control logic then
prepares the 18-bit digital output code for serial transfer.
TRANSFER FUNCTION
The LTC2335-18 digitizes the full-scale voltage range into
218 levels. In conjunction with the ADC master reference
voltage, VREFBUF, the selected SoftSpan configuration
determines its input voltage range, full-scale range, LSB
size, and the binary format of its conversion result, as
shown in Tables 1a and 1b. For example, employing the
internal reference and buffer (VREFBUF = 4.096V nominal),
SoftSpan 7 configures a channel to accept a ±10.24V
bipolar analog input voltage range, which corresponds
to a 20.48V full-scale range with a 78.125μV LSB. Other
SoftSpan configurations and reference voltages may be
employed to convert both larger and smaller bipolar and
unipolar input ranges. Conversion results are output in
two’s complement binary format for all bipolar SoftSpan
ranges, and in straight binary format for all unipolar
SoftSpan ranges. The ideal two’s complement transfer
function is shown in Figure 2, while the ideal straight
binary transfer function is shown in Figure 3.
Figure 2. LTC2335-18 Two’s Complement Transfer Function
INPUT VOLTAGE (V)
0V
–1
LSB
233518 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/262144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com