Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1355
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1355 Datasheet HTML 5Page - Linear Technology LT1355 Datasheet HTML 6Page - Linear Technology LT1355 Datasheet HTML 7Page - Linear Technology LT1355 Datasheet HTML 8Page - Linear Technology LT1355 Datasheet HTML 9Page - Linear Technology LT1355 Datasheet HTML 10Page - Linear Technology LT1355 Datasheet HTML 11Page - Linear Technology LT1355 Datasheet HTML 12Page - Linear Technology LT1355 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2348-18
9
234818fa
For more information www.linear.com/LTC2348-18
Typical perForMance characTerisTics
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code
DC Histogram (Zero-Scale)
DC Histogram (Near Full-Scale)
Integral Nonlinearity
vs Output Code and Channel
Integral Nonlinearity
vs Output Code and Channel
Differential Nonlinearity
vs Output Code and Channel
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
ALL CHANNELS
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G01
±10.24V RANGE
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
ALL CHANNELS
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G02
ALL RANGES
ALL CHANNELS
OUTPUT CODE
0
65536
131072
196608
262144
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
vs Output Code
Differential Nonlinearity
234818 G03
±10.24V AND ±10V
RANGES
±5.12V AND ±5V
RANGES
TRUE BIPOLAR DRIVE (IN– = 0V)
ONE CHANNEL
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G04
±10.24V, ±10V,
±5.12V, AND ±5V
RANGES
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
ONE CHANNEL
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G05
UNIPOLAR DRIVE (IN– = 0V)
ONE CHANNEL
0V TO 5.12V
RANGE
0V TO 10.24V AND 0V TO 10V
RANGES
OUTPUT CODE
0
65536
131072
196608
262144
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G06
±10.24V RANGE
σ = 1.3
CODE
–6
–4
–2
0
2
4
6
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
DC Histogram (Zero-Scale)
234818 G08
±10.24V RANGE
σ = 1.4
CODE
131056
131059
131062
131065
131068
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
DC Histogram (Near Full–Scale)
234818 G09
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 200ksps, unless otherwise noted.
TRUE BIPOLAR DRIVE (IN– = 0V)
±10.24V RANGE
ARBITRARY DRIVE
IN+/IN– COMMON MODE
SWEPT –10.24V to 10.24V
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com