Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4233 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4233
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4233 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4233 Datasheet HTML 12Page - Linear Technology LTC4233 Datasheet HTML 13Page - Linear Technology LTC4233 Datasheet HTML 14Page - Linear Technology LTC4233 Datasheet HTML 15Page - Linear Technology LTC4233 Datasheet HTML 16Page - Linear Technology LTC4233 Datasheet HTML 17Page - Linear Technology LTC4233 Datasheet HTML 18Page - Linear Technology LTC4233 Datasheet HTML 19Page - Linear Technology LTC4233 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4234
20
4234fa
For more information www.linear.com/LTC4234
LINEAR TECHNOLOGY CORPORATION 2015
LT 1015 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC4234
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4210
Single Channel Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control,
MSOP-8 or MSOP-10
LTC4215
Hot Swap Controller with I2C Compatible Monitoring
Operates from 2.9V to 15V, 8-Bit ADC Monitors Current and Voltage
LTC4217
2A Integrated Hot Swap Controller
Operates from 2.9V to 26.5V, Adjustable 5% Accurate Current Limit
LTC4218
Hot Swap Controller with 5% Accurate 15mV Current Limit
Operates from 2.9V to 26.5V, Adjustable Current Limit, SSOP-16,
DFN-16
LTC4219
5A Integrated Hot Swap Controller
12V and 5V Preset Versions, 10% Accurate Current Limit
LTC4221
Dual Hot Swap Controller/Sequencer
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4227
Dual Ideal Diode and Single Hot Swap Controller
Operates from 2.9V to 18V, PowerPath™ and Inrush Current Control
for Redundant Supplies
LTC4228
Dual Ideal Diode and Hot Swap Controller
Operates from 2.9V to 18V, PowerPath and Inrush Current Control
for MicroTCA, Redundant Supplies and Supply Holdup
LTC4232
5A Integrated Hot Swap Controller
Operates from 2.9V to 15V, Adjustable 10% Accurate Current Limit
LTC4233
10A Guaranteed SOA Hot Swap Controller
Operates from 2.9V to 15V, Adjustable 11% Accurate Current Limit
12V, 40A Parallel Application
4234 TA02
M1
VN2222LLG
Q1
2N5087
Q2
2N5087
M2
VN2222LLG
150k
20k
107k
Z1*
5.23k
10k
1µF
12V
0.1µF
0.1µF
2200µF
VDD
UV
OUT
FB
PG
GND
IMON
LTC4234
OV
SENSE–
SENSE
INTVCC
TIMER
FLT
+
VOUT
12V
40A
100k
ISET
150k
20k
107k
5.23k
10k
1µF
*TVS Z1, Z2: DIODES INC: SMBJ8V5(C)A
VDD
UV
FB
OUT
PG
GND
IMON
LTC4234
OV
SENSE–
SENSE
INTVCC
TIMER
FLT
GATE
ISET
GATE
Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com