Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4302-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4302-1
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4302-1 Datasheet HTML 1Page - Linear Technology LTC4302-1 Datasheet HTML 2Page - Linear Technology LTC4302-1 Datasheet HTML 3Page - Linear Technology LTC4302-1 Datasheet HTML 4Page - Linear Technology LTC4302-1 Datasheet HTML 5Page - Linear Technology LTC4302-1 Datasheet HTML 6Page - Linear Technology LTC4302-1 Datasheet HTML 7Page - Linear Technology LTC4302-1 Datasheet HTML 8Page - Linear Technology LTC4302-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4302-1/LTC4302-2
2
sn430212 430212fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply/Start-Up
VCC
Positive Supply Voltage
LTC4302-1
q
2.7
5.5
V
VCC2
Card Side Supply Voltage
LTC4302-2
q
2.7
5.5
V
ICC
Supply Current
VSDAIN = 0V, VCC = 5.5V (Note 2) LTC4302-1
q
5.9
8
mA
IVCC
VCC Supply Current
VSDAIN = 0V, VCC = VCC2 = 5.5V
q
3.4
5
mA
(Note 2) LTC4302-2
IVCC2
VCC2 Supply Current
VSDAIN = 0V, VCC = VCC2 = 5.5V
q
2.3
4
mA
(Note 2) LTC4302-2
VUVLOU
UVLO Upper Threshold
VCC Rising
q
2.5
2.7
V
VUVLOL
UVLO Lower Threshold
VCC Falling
2.35
V
VUVLO2U
VCC2 UVLO Upper Threshold
LTC4302-2
q
2.5
2.7
V
VUVLO2L
VCC2 UVLO Lower Threshold
LTC4302-2
2.35
V
VPRE
Precharge Voltage
SDA, SCL Floating
q
0.8
1
1.2
V
VTHCONN
CONN Threshold Voltage
q
0.8
1.5
2.2
V
tPHL
CONN Delay, On-Off
60
ns
tPLH
CONN Delay, Off-On
20
ns
VCC to GND ................................................. –0.3V to 7V
SDAIN, SCLIN, SDAOUT, SCLOUT,
GPIO1, CONN, GPIO2 (LTC4302-1),
VCC2 (LTC4302-2)........................................ –0.3V to 7V
ADDRESS ....................................... –0.3V to VCC + 0.3V
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4302CMS-1
LTC4302IMS-1
(Note 1)
TJMAX = 125°C, θJA = 130°C/W
MS PART MARKING
LTYF
LTYG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Operating Temperature Range
LTC4302C-1/LTC4302C-2 ...................... 0
°C to 70°C
LTC4302I-1/LTC4302I-2 .................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS PART MARKING
1
2
3
4
5
SDAIN
SCLIN
CONN
ADDRESS
GND
10
9
8
7
6
SDAOUT
SCLOUT
VCC
GPIO2
GPIO1
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
LTC4302CMS-2
LTC4302IMS-2
LTABY
LTABZ
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.7V to 5.5V (LTC4302-1), VCC = VCC2 = 2.7V to 5.5V (LTC4302-2) unless otherwise noted.
TJMAX = 125°C, θJA = 130°C/W
1
2
3
4
5
SDAIN
SCLIN
CONN
ADDRESS
GND
10
9
8
7
6
SDAOUT
SCLOUT
VCC
VCC2
GPIO1
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com