Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1356 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1356
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1356 Datasheet HTML 20Page - Linear Technology LT1356 Datasheet HTML 21Page - Linear Technology LT1356 Datasheet HTML 22Page - Linear Technology LT1356 Datasheet HTML 23Page - Linear Technology LT1356 Datasheet HTML 24Page - Linear Technology LT1356 Datasheet HTML 25Page - Linear Technology LT1356 Datasheet HTML 26Page - Linear Technology LT1356 Datasheet HTML 27Page - Linear Technology LT1356 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC2358-16
24
Rev A
For more information www.analog.com
–7V
–7V
31V
BUFFERED
ANALOG
INPUTS
31V
LTC2358-16
235816 F07a
ONLY CHANNEL 0 SHOWN FOR CLARITY
24V
0V
ARBITRARY
+
–
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0–
LTC2057HV
LTC2057HV
VCC
REFIN
REFBUF
VEE
INTERNAL HI-Z BUFFERS
ALLOW OPTIONAL
k PASSIVE FILTERS
GAIN = 10
BW = 10kHz
2.2nF
3.65k
3.65k
549
IN+
IN–
2.49k
2.49k
COMMON MODE
INPUT RANGE
DIFFERENTIAL MODE
INPUT RANGE: ±500mV
APPLICATIONS INFORMATION
±5V RANGE
IN+ = IN– = 1VP–P SINE
FREQUENCY (Hz)
10
100
1k
10k
60
70
80
90
100
110
120
130
140
150
160
235816 F07b
Figure 7b. CMRR vs Input Frequency.
Circuit Shown in Figure 7a
SNR = 90.5dB
THD = –111dB
SINAD = 90.4dB
SFDR = 112dB
±5V RANGE
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
235816 F07c
Figure 7c. IN+/IN– = 450mV 200Hz Fully
Differential Sine, 0V ≤ VCM ≤ 24V, 32k Point FFT,
fSMPL = 200ksps. Circuit Shown in Figure 7a
–15V
15V
LTC2358-16
235816 F08
ONLY CHANNELS 0 AND 1 SHOWN FOR CLARITY
0.1µF
0.1µF
0.1µF
47µF
–10.24V ≤ VS1 ≤ 10.24V
–10.24V ≤ VS2 ≤ 10.24V
VS1 – VS2
RSENSE
ISENSE =
IN0+
IN0–
IN1+
IN1–
VCC
REFIN
REFBUF
VEE
ISENSE
RSENSE
VS2
VS1
Figure 8. Simultaneously Sense Voltage (CH0) and Current (CH1) Over a Wide Common Mode Range
Figure 7a. Amplify Differential Signals with Gain of 10
Over a Wide Common Mode Range with Buffered Analog Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com