Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC01MPS12-252 Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # GC01MPS12-252
Description  Silicon Carbide Power Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GC01MPS12-252 Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  GC01MPS12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GC01MPS12-252
1200 V SiC MPS™ Diode
Feb 2018 Rev1.1
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
IF = f(VF,Tj); tP = 300 µs
Figure 1: Typical Forward Characteristics
IR = f(VR,Tj)
Figure 3: Typical Reverse Characteristics
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
s
IF = f(VF,Tj); tP = 300
Figure 1: Typical Forward Characteristics
Figure 2: Typical High Current Forward
Characteristics
Ptot = f(Tj)
Figure 3: Typical Reverse Characteristics
Figure 4: Power Derating Curve
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Page 2 of 6
= 300 µs
Figure 2: Typical High Current Forward
Characteristics
Power Derating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com