Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC02MPS12-252 Datasheet(PDF) 4 Page - GeneSiC Semiconductor, Inc.

Part # GC02MPS12-252
Description  Silicon Carbide Power Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GC02MPS12-252 Datasheet(HTML) 4 Page - GeneSiC Semiconductor, Inc.

  GC02MPS12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GC02MPS12-252
1200 V SiC MPS™ Diode
Feb 2018 Rev1.1
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Figure
IF = f(VF, Tj)
Figure 10: Forward Curve Model
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Zth,jc = f(tP,D); D = tP/T
Figure 9: Transient Thermal Impedance
IF = (VF – VBI)/R
Built-In Voltage (V
VBI(Tj) = m*Tj + b,
m = -1.30e-03, b = 0.906
Differential Resistance (R
RDIFF(Tj) = a*Tj
2 + b*T
a = 5.98e-05, b = 8.58e
: Forward Curve Model
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Page 4 of 6
)/RDIFF
Voltage (VBI):
+ b,
03, b = 0.906
Differential Resistance (RDIFF):
+ b*Tj + c (Ω);
05, b = 8.58e-03, c = 1.96



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com