Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPSA13 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCPSA13
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCPSA13 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCPSA13 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA13 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA13 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA13 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCPSA13(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
01
23
45
67
0
20
40
60
80
0
25
50
75
100
125
150
0
125
250
375
500
625
750
10
100
10
100
1
10
100
500
1000
1500
2000
110
100
0.1
1
10
1
10
1
10
100
400
600
800
1000
0.0
0.4
0.8
1.2
1.6
2.0
1
10
100
COMMON
EMITTER
T
a
=25
3.0uA
2.7uA
2.4uA
2.1uA
1.8uA
1.5uA
1.2uA
0.9uA
0.6uA
I
B
= 0.3uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
AMBIENT TEMPERATURE
T
a
(
)
P
C
——
T
a
3
COMMON EMITTER
V
CE
=5V
T
a
=25
COLLECTOR CURRENT
I
300
I
C
I
C
500
f
T
——
=1000
I
C
V
BEsat
——
T
a
=25
T
a
=100
COLLECTOR CURRENT
I
C
(mA)
100K
10K
1K
COMMON EMITTER
V
CE
=5V
500
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
f=1MHz
I
E
=0/I
C
=0
T
a
=25
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE
V
(V)
C
ib
C
ob
20
20
500
h
FE
——
=1000
I
C
V
CEsat
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
=5V
BASE-EMMITER VOLTAGE
V
BE
(V)
500
I
C
——
V
BE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com