Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE94004EP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE94004EP
Description  protected quad half-bridge driver designed especially for automotive motion control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94004EP Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE94004EP Datasheet HTML 1Page - Infineon Technologies AG TLE94004EP Datasheet HTML 2Page - Infineon Technologies AG TLE94004EP Datasheet HTML 3Page - Infineon Technologies AG TLE94004EP Datasheet HTML 4Page - Infineon Technologies AG TLE94004EP Datasheet HTML 5Page - Infineon Technologies AG TLE94004EP Datasheet HTML 6Page - Infineon Technologies AG TLE94004EP Datasheet HTML 7Page - Infineon Technologies AG TLE94004EP Datasheet HTML 8Page - Infineon Technologies AG TLE94004EP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Datasheet
4
1.0
2017-12-07
TLE94004EP
Pin Configuration
1
Pin Configuration
1.1
Pin Assignment
Figure 1
Pin Configuration TLE94004EP with direct interface
1.2
Pin Definitions and Functions
Pin
Symbol
Function
1
IN 1
Direct input control for power half-bridge 1
2
IN 2
Direct input control for power half-bridge 2
3
IN 3
Direct input control for power half-bridge 3
4
IN 4
Direct input control for power half-bridge 4
5
VS
Main supply voltage for power half bridges.
6OUT 3
Power half-bridge 3
7OUT 1
Power half-bridge 1
8GND
Ground
9OUT 2
Power half-bridge 2
10
OUT 4
Power half-bridge 4
11
EN1
Enable input for Half-bridges 1/2 with internal pull-down
12
EN2
Enable input for Half-bridges 3/4 with internal pull-down
13
EF
Error Flag
14
VDD
Logic supply voltage
EDP
-
Exposed Die Pad; For cooling and EMC purposes only - not usable as electrical
ground. Electrical ground must be provided by pins 8. 1)
1) The exposed die pad at the bottom of the package allows better heat dissipation from the device via the PCB. The
exposed pad (EP) must be either left open or connected to GND. It is recommended to connect EP to GND for best
EMC and thermal performance.
IN 1
VDD
IN 2
IN 3
IN 4
VS
OUT 3
OUT 1
EN2
EN1
EF
OUT 4
OUT 2
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com