Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE94103EP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE94103EP
Description  protected triple half-bridge driver designed especially for automotive motion control
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94103EP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE94103EP Datasheet HTML 17Page - Infineon Technologies AG TLE94103EP Datasheet HTML 18Page - Infineon Technologies AG TLE94103EP Datasheet HTML 19Page - Infineon Technologies AG TLE94103EP Datasheet HTML 20Page - Infineon Technologies AG TLE94103EP Datasheet HTML 21Page - Infineon Technologies AG TLE94103EP Datasheet HTML 22Page - Infineon Technologies AG TLE94103EP Datasheet HTML 23Page - Infineon Technologies AG TLE94103EP Datasheet HTML 24Page - Infineon Technologies AG TLE94103EP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Datasheet
21
1.0
2017-12-07
TLE94103EP
Characterization results
HS overcurrent shutdown threshold
LS overcurrent shutdown threshold
Undervoltage switch ON voltage threshold
Undervoltage switch OFF voltage threshold
-1240
-1220
-1200
-1180
-1160
-1140
-1120
-50 -30 -10 1030507090 110 130 150
Junction Temperature [°C]
P_4.4.20
VS=5.5V
VS=13.5V
VS=18V
VS=20V
VS=22V
1100
1120
1140
1160
1180
1200
1220
1240
-50 -30 -10 1030507090 110 130 150
Junction Temperature [°C]
P_4.4.27
VS=5.5V
VS=13.5
VS=18V
VS=20V
VS=22V
4.85
4.9
4.95
5
5.05
-50 -30 -10
10
30
50
70
90 110 130 150
Junction Temperature [°C]
P_4.4.8
VDD=3V
VDD=5V
VDD=5.5V
4.5
4.52
4.54
4.56
4.58
4.6
4.62
4.64
-50 -30 -10
1030507090 110 130 150
Junction Temperature [°C]
P_4.4.9
VDD=3V
VDD=5V
VDD=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com