Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE94104EP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE94104EP
Description  protected quad half-bridge driver designed especially for automotive motion control
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94104EP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE94104EP Datasheet HTML 17Page - Infineon Technologies AG TLE94104EP Datasheet HTML 18Page - Infineon Technologies AG TLE94104EP Datasheet HTML 19Page - Infineon Technologies AG TLE94104EP Datasheet HTML 20Page - Infineon Technologies AG TLE94104EP Datasheet HTML 21Page - Infineon Technologies AG TLE94104EP Datasheet HTML 22Page - Infineon Technologies AG TLE94104EP Datasheet HTML 23Page - Infineon Technologies AG TLE94104EP Datasheet HTML 24Page - Infineon Technologies AG TLE94104EP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
Datasheet
21
1.0
2017-12-07
TLE94104EP
Characterization results
Overvoltage switch ON voltage threshold
Overvoltage switch OFF voltage threshold
VDD Power-on-reset and VDD Power-off-reset
21.9
22.0
22.1
22.2
22.3
22.4
22.5
22.6
22.7
22.8
-50 -30 -10
1030507090 110 130 150
Junction Temperature [°C]
P_4.4.12
VDD=3V
VDD=5V
VDD=5.5V
22.7
22.8
22.9
23
23.1
23.2
23.3
23.4
23.5
23.6
-50 -30 -10
1030507090 110 130 150
Junction Temperature [°C]
P_4.4.11
VDD=3V
VDD=5V
VDD=5.5V
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
-50 -30 -10
1030507090 110 130 150
Junction Temperature [°C]
P_4.4.14/P_4.4.15
VDD POR
VDD POffR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com