Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS102B0 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLS102B0
Description  High Precision Voltage Tracker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS102B0 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLS102B0 Datasheet HTML 1Page - Infineon Technologies AG TLS102B0 Datasheet HTML 2Page - Infineon Technologies AG TLS102B0 Datasheet HTML 3Page - Infineon Technologies AG TLS102B0 Datasheet HTML 4Page - Infineon Technologies AG TLS102B0 Datasheet HTML 5Page - Infineon Technologies AG TLS102B0 Datasheet HTML 6Page - Infineon Technologies AG TLS102B0 Datasheet HTML 7Page - Infineon Technologies AG TLS102B0 Datasheet HTML 8Page - Infineon Technologies AG TLS102B0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2
Pin configuration
2.1
Pin assignment TLS102B0MB in PG-SCT595-5 package
GND
1
IN
5
OUT
2
4
3
GND
EN/ADJ
Figure 2
Pin configuration
2.2
Pin definitions and functions PG-SCT595-5
Table 1
Pin definitions and functions
Pin
Symbol
Function
1
EN/ADJ
Enable / Adjust
Connect the reference voltage to this pin. The reference voltage can be connected
directly or via a voltage divider for lower output voltages. For the compensation of
disturbances on the line, a capacitor close to the IC pins is recommended.
"low" signal disables the device
"high" signal enables the device
2
GND
Ground
Internally connected to pin 5. Connect to heatsink area.
3
IN
Input
Compensating line disturbances with a small ceramic capacitor to GND close to
the IC terminals is recommended.
4
OUT
Tracker output
20 mA output current capability
Connect a capacitor to GND close to the pin, in accordance with capacitance and
ESR requirements described in Table 3.
5
GND
Ground
Internally connected to pin 2. Connect to heatsink area.
TLS102B0
High Precision Voltage Tracker
Pin configuration
Data Sheet
4
Rev. 1.0
2018-01-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com