Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS105B0 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS105B0
Description  High Precision Voltage Tracker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS105B0 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS105B0 Datasheet HTML 9Page - Infineon Technologies AG TLS105B0 Datasheet HTML 10Page - Infineon Technologies AG TLS105B0 Datasheet HTML 11Page - Infineon Technologies AG TLS105B0 Datasheet HTML 12Page - Infineon Technologies AG TLS105B0 Datasheet HTML 13Page - Infineon Technologies AG TLS105B0 Datasheet HTML 14Page - Infineon Technologies AG TLS105B0 Datasheet HTML 15Page - Infineon Technologies AG TLS105B0 Datasheet HTML 16Page - Infineon Technologies AG TLS105B0 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
4.3
Current consumption
Table 6
Electrical Characteristics Current Consumption
VIN = 13.5 V, 2.0 V ≤ VEN/ADJ ≤ 20 V,Tj = -40°C to 150°C, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or Test
Condition
Min.
Typ.
Max.
Current consumption
stand-by mode
Iq,off = IIN
Iq,off
–
3
4.5
µA
VEN/ADJ ≤ 0.4 V;
Tj ≤ 125 °C
Current consumption
Iq = IIN - IOUT
Iq
–
40
75
µA
IOUT ≤ 0.1 mA;
VEN/ADJ = 5 V;
Tj ≤ 125°C
Current consumption
Iq = IIN - IOUT
Iq
–
3
5.5
mA
IOUT ≤ 50 mA;
VEN/ADJ = 5 V
TLS105B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
13
Rev. 1.0
2018-01-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com