Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DPLS32.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KW-DPLS32.EC
Description  SMD epoxy package, colored silicone resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS32.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KW-DPLS32.EC Datasheet HTML 3Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 4Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 5Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 6Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 7Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 8Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 9Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 10Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Version 1.3
KW DPLS32.EC
2016-01-19
7
Color Chromaticity Groups 5) page 28
Farbortgruppen 5) Seite 28
Chromaticity Coordinate Groups 5) page 28
Farbortgruppen 5) Seite 28
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4C
0.3068
0.3113
6J
0.3524
0.3555
8Q
0.4164
0.4029
0.3081
0.3049
0.3536
0.3646
0.4198
0.4115
0.3119
0.3162
0.3608
0.3616
0.4261
0.4077
0.3130
0.3095
0.3625
0.3711
0.4299
0.4165
5C
0.3055
0.3177
7J
0.3536
0.3646
4R
0.4109
0.3726
0.3068
0.3113
0.3548
0.3736
0.4147
0.3814
0.3108
0.3229
0.3625
0.3711
0.4181
0.3751
0.3119
0.3162
0.3642
0.3805
0.4222
0.3840
6C
0.3041
0.3240
8J
0.3548
0.3736
5R
0.4147
0.3814
0.3055
0.3177
0.3560
0.3826
0.4185
0.3902
0.3098
0.3296
0.3642
0.3805
0.4222
0.3840
0.3108
0.3229
0.3659
0.3900
0.4263
0.3929
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
7000 K
4C
4D
4E
5C
5D
5E
6C
6D
6E
7C
7D
7E
8C
8D
8E
4F
4G
5F
5G
6F
6G
7F
7G
8F
8G
4H
4I
5H
5I
6H
6I
7H
7I
8H
8I
8J
7J
6J
5J
4J
8K
7K
6K
5K
4K
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
8O
7O
6O
5O
4O
8P
7P
6P
5P
4P
8Q
7Q
6Q
5Q
4Q
8R
7R
6R
5R
4R
8S
7S
6S
5S
4S
8T
7T
6T
5T
4T
8U
7U
6U
5U
4U
8V
7V
6V
5V
4V
8W
7W
6W
5W
4W
8X
7X
6X
5X
4X
0,25
0,30
0,35
0,40
0,45
0,50
Cy
Cx
400
450
455
460
465
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
650
700
3500 K
4000 K
4F
4G
5F
5G
6F
6G
7F
7G
8F
8G
4H
4I
5H
5I
6H
6I
7H
7I
8H
8I8J
7J
6J
5J
4J
8K
7K
6K
5K
4K
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
8O
7O
6O
5O
4O
8P
7P
6P
5P
4P
8Q
7Q
6Q
5Q
4Q
8R
7R
6R
5R
4R
8S
7S
6S
5S
4S
8T
7T
6T
5T
4T
8U
7U
6U
5U
4U
8V
7V
6V
5V
4V
8W
7W
6W
5W
4W
8X
7X
6X
5X
4X
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0,35
0,40
0,45
0,50
0,55
0,60
0,65
0,70
0,75
0,80
0,85
0,90
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com