Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-Y87S Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LB-Y87S
Description  white SMT package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-Y87S Datasheet(HTML) 2 Page - OSRAM GmbH

  LB-Y87S Datasheet HTML 1Page - OSRAM GmbH LB-Y87S Datasheet HTML 2Page - OSRAM GmbH LB-Y87S Datasheet HTML 3Page - OSRAM GmbH LB-Y87S Datasheet HTML 4Page - OSRAM GmbH LB-Y87S Datasheet HTML 5Page - OSRAM GmbH LB-Y87S Datasheet HTML 6Page - OSRAM GmbH LB-Y87S Datasheet HTML 7Page - OSRAM GmbH LB-Y87S Datasheet HTML 8Page - OSRAM GmbH LB-Y87S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2005-04-05
2
LB Y87S, LT Y87S
Anm.: -35 Gesamter Farbbereich, Lieferung in Einzelgruppen (siehe Seite 5)
Note: -35 Total color tolerance range, delivery in single groups (see page 5)
Bestellinformation
Ordering Informarion
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstärke
1) Seite 16
Luminous
Intensity
1) page 16
I
F = 10 mA
I
V (mcd)
Lichtstrom
2) Seite 16
Luminous
Flux
2) page 16
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LB Y87S-L1M1-35
LB Y87S-M1N2-35
blue
11.2 … 22.4
18.0 … 45.0
50 (typ.)
95 (typ.)
Q65110A0383
Q65110A0482
LT Y87S-N1P1-35
LT Y87S-P1Q2-35
true green
28.0 ... 56.0
45.0 ...112.0
120 (typ.)
230 (typ.)
Q62703Q6191
Q62703Q6192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com