Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4301 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4301
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4301 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4301 Datasheet HTML 1Page - OSRAM GmbH SFH-4301 Datasheet HTML 2Page - OSRAM GmbH SFH-4301 Datasheet HTML 3Page - OSRAM GmbH SFH-4301 Datasheet HTML 4Page - OSRAM GmbH SFH-4301 Datasheet HTML 5Page - OSRAM GmbH SFH-4301 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2001-04-19
4
SFH 4301
Temperaturkoeffizient von
V
F
Temperature coefficient of
V
F
I
F = 100 mA
TC
V
– 1.5
mV/K
Temperaturkoeffizient von
λ
Temperature coefficient of
λ
I
F = 100 mA
TCλ
+ 0.2
nm/K
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel von
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
measured at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
Ie min
I
e typ
16
60
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 µs
Ie typ
400
mW/sr
Lötbedingungen
Soldering Conditions
Tauch-, Schwall- und Schlepplötung
Dip, Wave and Drag Soldering
Kolbenlötung (mit 1,5-mm-Kolbenspitze)
Iron Soldering (with 1.5-mm-bit)
Lötpad-
temperatur
Temperature
of the
Soldering Bath
Maximal
zulässige
Lötzeit
Max. Perm.
Soldering
Time
Abstand
Lötstelle –
Gehäuse
Distance
between
Solder Joint
and Case
Temperatur
des Kolbens
Temperature
of the Solder-
ing Iron
Maximale
zulässige
Lötzeit
Max. Permis-
sible Solder-
ing Time
Abstand
Lötstelle –
Gehäuse
Distance
between
Solder Joint
and Case
260 °C
10 s
≥ 1.5 mm
300 °C3 s
≥ 1.5 mm
Kennwerte (
T
A = 25 °C) (cont’d)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com