Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 6V, Synchronous Step-Down Switching Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28115DQ Datasheet HTML 1Page - Monolithic Power Systems MP28115DQ Datasheet HTML 2Page - Monolithic Power Systems MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV28115DQ-00B – 4A, 5.5V, SYNCHRONOUS STEP-DOWN REGULATOR EV BOARD
EV28115DQ-00B Rev. 1.0
www.MonolithicPower.com
2
10/12/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
D3
NS
D1
NS
C7
NS
C1
22
µF
16V
C2
22
µF
16V
C3
100nF
16V
D2
B0540W-7-F
R2
10k
R1
12.4k
R7
NS
C5
NS
R5
100k
R9
0
R8
200k
R6
0
R3
NS
R4
100k
L1
0.95
µH
C6
22
µF
6.3V
C4
22
µF
6.3V
GND
GND
VIN
GND
VOUT
EN/SYNC
GND
2, 9, 11
4, 7
5
10
6
1
3, 8
FB
SW
MP28115
ON/OFF
POK/VCC
C8
NS
POK
IN
BST
EV28115DQ–00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
22
µF
Ceramic Cap., 16V, X7R
1210
Murata
GRM32ER71C226K
1
C3
100nF
Ceramic Cap., 16V, X7R
0603
Murata
GRM188R71C104K
2
C4, C6
22
µF
Ceramic Cap., 6.3V, X7R
1210
Murata
GRM32ER70J226K
3
C5, C7,
C8
NS
Not Stuffed
1
R1
12.4kΩ
Film Resistor, 1%
0603
Yageo
RC0603FR-0712K4L
1
R2
10 kΩ
Film Resistor, 1%
0603
Yageo
RC0603FR-0710K0L
2
R3, R7
NS
Not Stuffed
2
R4, R5
100 kΩ
Film Resistor, 5%
0603
Yageo
RC0603FR-07100KL
2
R6, R9
0Ω
Film Resistor, 5%
0603
Yageo
RC0603JR-0700R0L
1
R8
200 kΩ
Film Resistor, 5%
0603
Yageo
RC0603JR-07200KL
2
D1, D3
NS
Not Stuffed
1
D2
0.5A,
40V
Schottky Diode
SOD-123
Diodes Inc
B0540W-7-F
1
L1
0.95
µH
Inductor, DCR=7.4mΩ
SMD
Wurth
Electronics
744310095
1
U1
Step-Down Regulator
QFN10
MPS
MP28115DQ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com