Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP28164GD
Description  High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP28164GD Datasheet HTML 1Page - Monolithic Power Systems MP28164GD Datasheet HTML 2Page - Monolithic Power Systems MP28164GD Datasheet HTML 3Page - Monolithic Power Systems MP28164GD Datasheet HTML 4Page - Monolithic Power Systems MP28164GD Datasheet HTML 5Page - Monolithic Power Systems MP28164GD Datasheet HTML 6Page - Monolithic Power Systems MP28164GD Datasheet HTML 7Page - Monolithic Power Systems MP28164GD Datasheet HTML 8Page - Monolithic Power Systems MP28164GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EV28164-D-00A―HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST DC-DC CONVERTER EVB
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV28164-D-00A Rev.1.0
www.MonolithicPower.com
9
10/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Preset the load to some value, e.g. 0.5A, notice that the MP28164 may enter SCP hiccup if starting
up with a heavier load due to the startup current limit which is for inrush protection..
2. Connect the positive and negative terminals of the load to the VOUT and GND pins, respectively.
3. Preset the power supply’s output voltage (1.8~5.5V), and then turn off the power supply.
4. Connect the positive and negative terminals of the power supply output to the VIN and GND pins,
respectively.
5. Turn on the power supply. The MP28164 demo board will automatically start up.
6. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.2V to turn on
the regulator or less than 0.4V to turn it off.
7. To use MODE pin for forced CCM operation, please turn off Vin then connect the jumper JP1 to
VIN.
8. If other output voltage is preferred, The output voltage VOUT can be programmed by changing R1
and R2 according to below equation:
FB
OUT
FB
V
R2 R1
VV
=×
−
Where
FB
V
. Is typically 0.5V, and R1, R2’s units are in kΩ, VOUT ‘s unit is in V. The value of R1 is
recommended to be from 300 kΩ through 620 kΩ for better efficiency at light load. The
recommended output voltage can be from 1.5V through 5V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com