Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP13682 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP13682
Description  ~20째 spot beam optimized for CREE XM-L RGB. Assembly with holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13682 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP13682 Datasheet HTML 1Page - Ledil, Inc. CP13682 Datasheet HTML 2Page - Ledil, Inc. CP13682 Datasheet HTML 3Page - Ledil, Inc. CP13682 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP13682_RGBX2-S
RGBX2-S
~20° spot beam optimized for CREE XM-L RGB.
Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 30.4 mm
Height
28.2 mm
Fastening
glue
Colour
black
Box size
480 x 280 x 300 mm
Box weight
6.8 kg
Quantity in Box
486 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RGBX2-S
Lens
PMMA
clear
RGBX-HLD
Holder
PC
black
Last update: 08/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP13682

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP13682 CREE-CP13682 Datasheet
187Kb / 4P
RGBX series
More results

Similar Description - CP13682

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13938 LEDIL-CP13938_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for CREE XM-L RGB. Assembly with colour mixing sublens and holder.
FA11908 LEDIL-FA11908_18 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for CREE XM-L. Assembly with white holder.
FA11909 LEDIL-FA11909_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for CREE XM-L. Assembly with white holder.
FA11910 LEDIL-FA11910_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XM-L. Assembly with white holder.
FA11911 LEDIL-FA11911_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for CREE XM-L. Assembly with white holder.
FA12620 LEDIL-FA12620_18 Datasheet
2Mb / 4P
~50째 wide beam optimized for CREE XM-L. Assembly with white holder.
FCA12104 LEDIL-FCA12104 Datasheet
5Mb / 6P
~5째 real spot beam optimized for CREE XM-L.
FA11938 LEDIL-FA11938 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for CREE XM-L
FCN12103 LEDIL-FCN12103 Datasheet
1Mb / 5P
~5째 spot beam with holder optimized for CREE XM-L
FA11937 LEDIL-FA11937 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XM-L.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com