Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13841 Datasheet(PDF) 11 Page - Ledil, Inc.

Part # F13841
Description  White version with ~70째 wide beam compatible with BJB connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13841 Datasheet(HTML) 11 Page - Ledil, Inc.

Back Button F13841 Datasheet HTML 7Page - Ledil, Inc. F13841 Datasheet HTML 8Page - Ledil, Inc. F13841 Datasheet HTML 9Page - Ledil, Inc. F13841 Datasheet HTML 10Page - Ledil, Inc. F13841 Datasheet HTML 11Page - Ledil, Inc. F13841 Datasheet HTML 12Page - Ledil, Inc. F13841 Datasheet HTML 13Page - Ledil, Inc. F13841 Datasheet HTML 14Page - Ledil, Inc. F13841 Datasheet HTML 15Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRODUCT
DATASHEET
F13841_ANGELA-XW-B
PHOTOMETRIC DATA (MEASURED):
LED
COB D Series LES 14.5 mm
FWHM
73.0°
Efficiency
89 %
Peak intensity
0.600 cd/lm
Required components:
F13671_ANGE-RZ-LENS
A.A.G. STUCCHI: 8101/G2
LED
COB D Series LES 14.5 mm
FWHM
73.0°
Efficiency
93 %
Peak intensity
0.640 cd/lm
Required components:
A.A.G. STUCCHI: 8101/G2
LED
COB D Series LES 14.5 mm
FWHM
73.0°
Efficiency
89 %
Peak intensity
0.600 cd/lm
Required components:
F13671_ANGE-RZ-LENS
BJB: 47.319.2021
LED
ZC12/18
FWHM
72.0°
Efficiency
93 %
Peak intensity
0.660 cd/lm
Required components:
A.A.G. STUCCHI: 8101/G2
Last update: 28/05/2018
Subject to change without prior notice
11/16
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com