Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4303 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4303
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4303 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4303 Datasheet HTML 12Page - Linear Technology LTC4303 Datasheet HTML 13Page - Linear Technology LTC4303 Datasheet HTML 14Page - Linear Technology LTC4303 Datasheet HTML 15Page - Linear Technology LTC4303 Datasheet HTML 16Page - Linear Technology LTC4303 Datasheet HTML 17Page - Linear Technology LTC4303 Datasheet HTML 18Page - Linear Technology LTC4303 Datasheet HTML 19Page - Linear Technology LTC4303 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4312
20
4312f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 1210 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot-Swappable 2-Wire Bus Buffers
-1: Bus Buffer with READY and ENABLE
-2: Dual Supply Buffer with ACC
-3: Dual Supply Buffer with ENABLE
LTC4302-1/
LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303
LTC4304
Hot-Swappable 2-Wire Bus Buffer with Stuck Bus
Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305
LTC4306
2- or 4-Channel, 2-Wire Bus Multiplexers with
Capacitance Buffering
2 or 4 Software Selectable Downstream Busses, Stuck Bus Disconnect, Rise
Time Accelerators, Fault Reporting, ±10kV HBM ESD Tolerance
LTC4307
Low Offset Hot-Swappable 2-Wire Bus Buffer with
Stuck Bus Recovery
60mV Bus Offset, 30ms Stuck Bus Disconnect and Recovery, Rise Time
Accelerators, ±5kV HBM ESD Tolerance
LTC4307-1
High Definition Multimedia Interface (HDMI) Level
Shifting 2-Wire Bus Buffer
60mV Buffer Offset, 3.3V to 5V Level Shifting, ±5kV HBM ESD Tolerance
LTC4308
Low Voltage, Level Shifting Hot-Swappable 2-Wire
Bus Buffer with Stuck Bus Recovery
Bus Buffer with ENABLE and READY, Level Translation to 1V Busses,
Output Side Rise Time Accelerators
LTC4309
Low Offset Hot-Swappable 2-Wire Bus Buffer with
Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise Time
Accelerators, ±5kV HBM ESD Tolerance
LTC4310-1/
LTC4310-2
Hot-Swappable I2C Isolators
-1: 100kHz Bus
-2: 400kHz Bus
LTC4311
Low Voltage I2C/SMBus Accelerator
Rise Time Acceleration with ENABLE and ±8kV HBM ESD Tolerance
LTC4314
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with
Bus Buffer
4 Pin-Selectable Downstream Busses, Stuck Bus Disconnect and Recovery,
Selectable Rise Time Accelerator Current and Activation Voltage, ±4kV HBM
ESD Tolerance
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer Bus Buffer with 1V Pre-Charge, CS and READY
LTC4301L
Hot-Swappable 2-Wire Bus Buffer with Low Voltage
Level Translation
Bus Buffer with CS and READY Allowing for Input Bus Voltages of Up to 1V
LTC1694-1
SMBus/I2C Accelerator
Rise Time Accelerator
Level Translating 2.5V, 3.3V and 5V Busses and Operation with a Non-Compliant I2C Device
LTC4312
GND
VCC
VCC2
4312 TA02
SCLOUT1
SDAOUT1
SCLOUT2
SDAOUT2
SCLOUT1
SDAOUT1
SCLOUT2
SDAOUT2
SCLIN
SDAIN
ENABLE1
ENABLE2
ACC
DISCEN
3.3V
R2
10k
R1
10k
C1
0.01μF
3.3V
5V
R4
10k
R3
10k
C2
0.01μF
2.5V
R6
10k
R5
10k
NON-COMPLIANT
I2C DEVICE
VOL = 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com