Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3605A Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3605A
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3605A Datasheet HTML 16Page - Linear Technology LTC3605A Datasheet HTML 17Page - Linear Technology LTC3605A Datasheet HTML 18Page - Linear Technology LTC3605A Datasheet HTML 19Page - Linear Technology LTC3605A Datasheet HTML 20Page - Linear Technology LTC3605A Datasheet HTML 21Page - Linear Technology LTC3605A Datasheet HTML 22Page - Linear Technology LTC3605A Datasheet HTML 23Page - Linear Technology LTC3605A Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC7106
21
Rev A
For more information www.analog.com
Figure 11. Using the LTC7106 with a Boost Controller to Vary VOUT from 28V to 18V
APPLICATIONS INFORMATION
Case Three
The LTC7106 can also work with boost converters. In
this case, the LTC3784, a synchronous boost controller,
providesa2-phase28V/10Aoutputandrequirestocontrol
VOUT from 28V to 18V (see Figure 11). The VFB is 1.2V
and the voltage dividers are external. Based on the same
design criteria in Case One, we can choose RTOP = 200kΩ
and RBOT = 8.97kΩ for the best accuracy. Then IDAC =
(28V – 18V)/200kΩ = +50µA. Choose MFR_CONTROL
[6:5] = 00 (Range Nominal) to set IDAC LSB = 1µA. By
looking in Table 2, choose DAC[6:0] = 0001110 to set the
IDAC = +50μA, which will margin VOUT from 28V to 18V.
0.1µF
GPO
INTVCC
1µF
10k
10k
10k
LTC7106
VDD
GND
SDA
SCL
ALERT
GPO
ASEL0
ASEL1
VDD
2.5V TO 5.5V
SDA
ALERT
SCL
EN
LTC3784
PGOOD
FREQ
OVMODE
VBIAS
MODE/PLLIN
ITH
SENSE1–
SENSE1+
TG1
SW1
INTVCC
SGND
SS
PGND
+50µA
TO MARGIN LOW VOUT
FROM 28V TO 18V
100pF
15nF
8.66k
0.1µF
100k
47µF
VBATT
12V
DOWN TO 2.3V AFTER
START-UP IF VBIAS IS
POWERED FROM VOUT
BG1
BOOST1
SENSE2–
SENSE2+
SW2
BG2
BOOST2
TG2
VFB
4.7µF
4mΩ
0.1µF
200k
3.3 H
4mΩ
3.3 H
VOUT
28V AT 10A
220µF
8.97k
IDAC
7106 F11
PMBus INTERFACE
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com