Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6262 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6262
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6262 Datasheet(HTML) 2 Page - Linear Technology

  LTC6262 Datasheet HTML 1Page - Linear Technology LTC6262 Datasheet HTML 2Page - Linear Technology LTC6262 Datasheet HTML 3Page - Linear Technology LTC6262 Datasheet HTML 4Page - Linear Technology LTC6262 Datasheet HTML 5Page - Linear Technology LTC6262 Datasheet HTML 6Page - Linear Technology LTC6262 Datasheet HTML 7Page - Linear Technology LTC6262 Datasheet HTML 8Page - Linear Technology LTC6262 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6258/LTC6259/LTC6260
2
6258960fa
For more information www.linear.com/LTC6258
ABSOLUTE MAXIMUM RATINGS
Supply Voltage: V+ – V– ...........................................5.5V
Input Voltage ................................... V– – 0.2 to V+ + 0.2
Input Current: +IN, –IN, SHDN (Note 2) ............... ±10mA
Output Current: OUT ........................................... ±20mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4).....–40°C to 125°C
(Note 1)
DC PACKAGE
6-LEAD (2mm × 2mm × 0.8mm) PLASTIC DFN
TOP VIEW
OUT
–IN
SHDN
V+
+IN
V–
4
5
7
V–
6
3
2
1
TJMAX = 150°C, qJA = 80°C/W (NOTE 6)
EXPOSED PAD (PIN 7) IS V–, MUST BE SOLDERED TO PCB
TOP VIEW
OUTA
–INA
+INA
V–
V+
OUTB
–INB
+INB
DC PACKAGE
8-LEAD (2mm × 2mm × 0.8mm) PLASTIC DFN
9
V–
4
1
2
3
6
5
7
8
TJMAX = 150°C, qJA = 80°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
V+
OUTB
–INB
+INB
OUTA
–INA
+INA
V–
TJMAX = 150°C, qJA = 195°C/W (NOTE 6)
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, qJA = 163°C/W (NOTE 6)
1
2
3
4
5
OUTA
–INA
+INA
V–
SHDNA
10
9
8
7
6
V+
OUTB
–INB
+INB
SHDNB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, qJA = 160°C/W (NOTE 6)
1
2
3
4
5
6
7
8
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
16
15
14
13
12
11
10
9
OUTD
–IND
+IND
V–
+INC
–INC
OUTC
NC
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
+
–
+
–
TJMAX = 150°C, qJA = 125°C/W (NOTE 6)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V+
SHDN
–IN
OUT
V–
+IN
TJMAX = 150°C, qJA = 192°C/W (NOTE 6)
PIN CONFIGURATION
Specified Temperature Range (Note 5)
LTC6258I/LTC6259I/LTC6260I ............–40°C to 85°C
LTC6258H/LTC6259H/LTC6260H ...... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TS8, MS8, MS only...............................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com