Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4309
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4309 Datasheet HTML 9Page - Linear Technology LTC4309 Datasheet HTML 10Page - Linear Technology LTC4309 Datasheet HTML 11Page - Linear Technology LTC4309 Datasheet HTML 12Page - Linear Technology LTC4309 Datasheet HTML 13Page - Linear Technology LTC4309 Datasheet HTML 14Page - Linear Technology LTC4309 Datasheet HTML 15Page - Linear Technology LTC4309 Datasheet HTML 16Page - Linear Technology LTC4309 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
13
4313123f
applicaTions inForMaTion
Telecommunications Systems
The LTC4313 has several features that make it an excellent
choiceforuseintelecommunicationsystemssuchasATCA.
Referring to Figures 7 and 8, buffers are used on the edges
of the field replaceable units (FRU) and shelf managers to
shield devices on these cards from the large backplane
capacitance. The input capacitance of the LTC4313 is less
than the 10pF maximum specification for buffers used in
bussed ATCA applications. The LTC4313 buffers can drive
capacitances >1nF, which is greater than the maximum
backplane capacitance of 690pF in bussed ATCA systems.
The precharge feature, low input capacitance and high
impedance of the SDA and SCL pins of the LTC4313 when
it is unpowered, minimize disturbances to the bus when
cards are being hot swapped. In Figure 7, the RTA of the
LTC4313-2 on the shelf manager supplies sufficient pull-
up current, allowing the 1µs rise time requirement to be
met on the heavily loaded backplane for loads well beyond
the 690pF maximum specification. The 0.33 • VCC turn-off
voltage of the LTC4313’s buffers provides a large logic
low noise margin in these systems. In the bussed ATCA
application shown in Figure 7, the LTC4313s located on
the shelf managers #1 and #2 and on the FRUs, drive the
large backplane capacitance while the microcontrollers
on the shelf managers and the I2C slave devices on the
FRUs drive the small input capacitance of the LTC4313-3.
Figure 7. LTC4313s Used in a Bussed ATCA Application. Only the Clock Path is Shown for Simplicity
LTC4313-2
µP
VCC
3.3V
SCLOUT
SCLIN
ENABLE
R1
10k
R2
2.7k
4313123 F07
BACKPLANE
IPMB-A
SCL
IPMB-B
SCL
SHELF MANAGER #1
SHELF MANAGER #2
IDENTICAL TO SHELF MANAGER #1
TO SHMC#2
TO SHMC#2
IPMB-B
IPMB-B DETAILS (NOT SHOWN) ARE IDENTICAL TO IPMB-A
FRU #1
LTC4313-3
I2C
DEVICE
3.3V
3.3V
SCLOUT
VCC
SCLIN
R3
10k
R4
10k
LTC4313-3
SCLOUT
VCC
SCLIN
FRU #N
LTC4313-3
I2C
DEVICE
3.3V
3.3V
SCLOUT
VCC
SCLIN
R6
10k
R5
10k
LTC4313-3
SCLOUT
VCC
SCLIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com