Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4308 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4308
Description  Dual I2C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 2 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4318
2
4318fa
For more information www.linear.com/LTC4318
absoluTe MaxiMuM raTings
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4318CUF#PBF
LTC4318CUF#TRPBF
4318
20-Lead (4mm × 4mm) Plastic QFN
0°C to 70°C
LTC4318IUF#PBF
LTC4318IUF#TRPBF
4318
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
pin conFiguraTion
Input Supply Voltage VCC............................. –0.3V to 6V
Input Voltages
ENABLEn...................................................... –0.3V to 6V
XORLn, XORHn ................................–0.3V to VCC + 0.3V
Output Voltages
READYn ....................................................... –0.3V to 6V
Output Currents
READYn, SDAOUTn................................................50mA
Input/Output Voltages
SCLINn, SCLOUTn, SDAINn, SDAOUTn........ –0.3V to 6V
Operating Temperature Range
LTC4318C ................................................ 0°C to 70°C
LTC4318I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
XORH2
XORL2
XORH1
XORL1
VCC
SCLIN1
SCLOUT1
SDAOUT1
SDAIN1
SDAIN2
TJMAX = 150°C,θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, PCB CONNECTION OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com