Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7150S Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7150S
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 1 Page - Linear Technology

  LTC7150S Datasheet HTML 1Page - Linear Technology LTC7150S Datasheet HTML 2Page - Linear Technology LTC7150S Datasheet HTML 3Page - Linear Technology LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC7106
1
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
A 7-Bit Current DAC with
PMBus Interface
The LTC®7106 is a precision, PMBus controlled, bidi-
rectional current digital-to-analog converter that adjusts
the output voltage of any conventional VFB referenced
regulator. The LTC7106 can work with the vast majority
of power management controllers or regulators to enable
digital control of the output voltage. Internal power-on
reset circuitry keeps the DAC output current at zero
(high impedance IDAC) until a valid write takes place.
Features include a range bit for easy interfacing to almost
any impedance resistor divider, and an open-drain GPO
output for controlling the Run or Enable pin of the DC/
DC regulator. For most applications, the current DAC error
is significantly attenuated with proper design. See more
detail about VOUTaccuracyintheApplicationsInformation
section of this data sheet. The LTC7106 is supported by
the ADI LTpowerPlay® development tool with graphical
user interface (GUI).
APPLICATIONS
n
±0.8% IDAC Positive Output Current Accuracy
(Over Temp)
n
±1.5% IDAC Negative Output Current Accuracy
(Over Temp)
n
PMBus/I2C Compliant Serial Interface
n
Input Voltage Range: 2.5V to 5.5V
n
High Impedance at IDAC Output When Disabled
n
Wide IDAC Operation Voltage (0.4V to 2.0V)
n
7-Bit Programmable DAC Output Current for DC/DC
VOUT Control
n
Wide Range IDAC Output Current: ±16μA to ±256μA
n
Programmable Slew Rate: 500ns ~ 3ms per Bit
n
Available in a 10-Lead (3mm × 2mm) DFN Package
n
General Purpose Power Systems
n
Telecom Systems
n
Industrial Applications
All registered trademarks and trademarks are the property of their respective owners.
Margin High and Margin Low
CIRCUIT OF FIGURE 11
VOUT = 24V
IDAC = –40 A
IDAC = 40 A
IDAC = 0 A
100ms/DIV
EN
2V/DIV
VOUT
5V/DIV
7106 TA01b
C1
1µF
10k
R1
10k
R2
RFB1
RFB2
C2
330µF
L1
R4
10k
LTC7106
VDD
GND
IDAC
SDA
SCL
ALERT
GPO
ASEL0
ASEL1
VDD
2.5V
TO 5.5V
SDA
ALERT
SCL
VDD
VIN
DC/DC
SW
VFB
VOUT
RUN
EN
(0.4V to 2V)
VIN
VREF
10k
R3
PMBus INTERFACE
–64 A TO 0 A
0 A TO 63 A
7106 TA01a


Similar Part No. - LTC7150S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7150S LINER-LTC7150S Datasheet
1Mb / 22P
20V, 20A Synchronous Step-Down Regulator
logo
Analog Devices
LTC7150S AD-LTC7150S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC7150S AD-LTC7150S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LTC7150S AD-LTC7150S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTC7150S AD-LTC7150S Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
04/18-REV.A
More results

Similar Description - LTC7150S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50 Datasheet
220Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC7106EDDB LINER-LTC7106EDDB Datasheet
1Mb / 10P
A 7-Bit Current DAC with Digital PMBus Interface
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
logo
Analog Devices
LTC7106 AD-LTC7106 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
04/18-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com