Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6010 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6010
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 3 Page - Linear Technology

  LT6010 Datasheet HTML 1Page - Linear Technology LT6010 Datasheet HTML 2Page - Linear Technology LT6010 Datasheet HTML 3Page - Linear Technology LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
3
For more information www.linear.com/LTC6261
orDer inForMAtion
5V electricAl chArActeristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, CL = 10pF, VSHDN is unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V– + 0.3V (PNP Region)
l
–400
–1000
50
400
1000
µV
µV
VCM = V+ – 0.3V (NPN Region)
l
–400
–1000
50
400
1000
µV
µV
VOS TC
Input Offset Voltage Drift
VCM = V– + 0.3V, V+ – 0.3V
l
0.4
µV/°C
IB
Input Bias Current (Note 7)
VCM = V– + 0.3V
l
–100
–150
–60
50
150
nA
nA
VCM = V+ – 0.3V
l
–50
–150
10
50
150
nA
nA
IOS
Input Offset Current
VCM = V– + 0.3V
l
–50
–100
2
50
100
nA
nA
VCM = V+ – 0.3V
l
–50
–100
2
50
100
nA
nA
en
Input Voltage Noise Density
f = 1kHz
13
nV/√Hz
Input Noise Voltage
f = 0.1Hz to 10Hz
1.25
µVP-P
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6261IS6#TRMPBF
LTC6261IS6#TRPBF
LTGWF
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6261HS6#TRMPBF
LTC6261HS6#TRPBF
LTGWF
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6261IDC#TRMPBF
LTC6261IDC#TRPBF
LGZT
6-Lead (2mm × 2mm × 0.8mm) Plastic DFN –40°C to 85°C
LTC6261HDC#TRMPBF
LTC6261HDC#TRPBF
LGZT
6-Lead (2mm × 2mm × 0.8mm) Plastic DFN –40°C to 125°C
LTC6262ITS8#TRMPBF
LTC6262ITS8#TRPBF
LTGWK
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6262HTS8#TRMPBF LTC6262HTS8#TRPBF LTGWK
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC6262IDC#TRMPBF
LTC6262IDC#TRPBF
LGWG
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN –40°C to 85°C
LTC6262HDC#TRMPBF
LTC6262HDC#TRPBF
LGWG
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN –40°C to 125°C
LTC6262IMS8#PBF
LTC6262IMS8#TRPBF LTGWJ
8-Lead Plastic MSOP
–40°C to 85°C
LTC6262HMS8#PBF
LTC6262HMS8#TRPBF LTGWJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6262IMS#PBF
LTC6262IMS#TRPBF
LTGWM
10-Lead Plastic MSOP
–40°C to 85°C
LTC6262HMS#PBF
LTC6262HMS#TRPBF LTGWM
10-Lead Plastic MSOP
–40°C to 125°C
LTC6263IMS#PBF
LTC6263IMS#TRPBF
6263
16-Lead Plastic MSOP
–40°C to 85°C
LTC6263HMS#PBF
LTC6263HMS#TRPBF 6263
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Parts ending with PBF are RoHS and WEEE compliant.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/.
http://www.linear.com/product/LTC6261#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com