Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2178 Datasheet(PDF) 11 Page - Linear Technology

Part # LT2178
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT2178 Datasheet HTML 7Page - Linear Technology LT2178 Datasheet HTML 8Page - Linear Technology LT2178 Datasheet HTML 9Page - Linear Technology LT2178 Datasheet HTML 10Page - Linear Technology LT2178 Datasheet HTML 11Page - Linear Technology LT2178 Datasheet HTML 12Page - Linear Technology LT2178 Datasheet HTML 13Page - Linear Technology LT2178 Datasheet HTML 14Page - Linear Technology LT2178 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
11
For more information www.linear.com/LTC6261
pin Functions
–IN: Inverting Input of the Amplifier. Voltage range of this
pin can go from V– – 0.1V to V+ + 0.1V.
+IN: Non-Inverting Input of Amplifier. This pin has the
same voltage range as –IN.
V+: Positive Power Supply. Typically the voltage range
spans from 1.8V to 5.25V. Split supplies are possible as
long as the voltage between V+ and V– is between 1.8V
and 5.25V. A bypass capacitor of 0.1µF as close to the part
as possible should be used between power supply pins
in single supply applications or between supply pins and
ground in split supply applications.
V–: Negative Power Supply. It is normally tied to ground.
It can also be tied to a voltage other than ground as long
as the voltage between V+ and V– is from 1.8V to 5.25V.
If it is not connected to ground, bypass it with a capacitor
of 0.1µF as close to the part as possible.
SHDN: Active Low Shutdown. Shutdown threshold is 0.6V
above negative rail. If left unconnected, the amplifier will
be on.
OUT:AmplifierOutput.Rail-to-railamplifieroutputcapable
of delivering greater than ±10mA
siMpliFieD scheMAtic
Figure 1. LTC6261/LTC6262/LTC6263 Simplified Schematic
+
I2
Q17
Q18
ESDD4
–IN
+IN
V–
Q3
Q4
Q6
Q8
R2
R4
Q9
Q12
R1
R3
R6
5M
Q7
Q16
ESDD3
V+
ESDD1
V+
ESDD2
V–
V–
V+
SHDN
V–
D8
D7
ESDD5
ESDD6
D6
D5
Q2
Q5
VBIAS
Q1
+
I1
I3
Q19
R5
Q11
Q10
Q13
Q15
OUT
C2
C1
+
Q14
CC
BUFFER AND
OUTPUT BIAS
626123 F01
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com