Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2178 Datasheet(PDF) 15 Page - Linear Technology

Part # LT2178
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT2178 Datasheet HTML 11Page - Linear Technology LT2178 Datasheet HTML 12Page - Linear Technology LT2178 Datasheet HTML 13Page - Linear Technology LT2178 Datasheet HTML 14Page - Linear Technology LT2178 Datasheet HTML 15Page - Linear Technology LT2178 Datasheet HTML 16Page - Linear Technology LT2178 Datasheet HTML 17Page - Linear Technology LT2178 Datasheet HTML 18Page - Linear Technology LT2178 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
15
For more information www.linear.com/LTC6258
ESD
The LTC6258 family has reverse-biased ESD protection
diodes on all inputs and output as shown in Figure 1.
Supply Voltage Ramping
Fast ramping of the supply voltage can cause a current
glitch in the internal ESD protection circuits. Depending on
the supply inductance, this could result in a supply volt-
age transient that exceeds the maximum rating. A supply
voltage ramp time of greater than 1ms is recommended.
Feedback Components
Care must be taken to ensure that the pole formed by the
feedback resistors and the parasitic capacitance at the
inverting input does not degrade stability. For example, in
a gain of +2 configuration with gain and feedback resis-
tors of 100k, a poorly designed circuit board layout with
parasitic capacitance of 5pF (part +PC board) at the ampli-
fier’s inverting input will cause the amplifier to oscillate
due to a pole formed at 640kHz. An additional capacitor of
4.7pF across the feedback resistor as shown in Figure 2
will eliminate any ringing or oscillation.
Shutdown
The single and dual versions have package options with
SHDN pins that can shut down the amplifier to less than
7µA supply current. The SHDN pin voltage needs to be
within 0.6V of V– for the amplifier to shut down. During
shutdown, the output is in a high output impedance state.
When left floating, the SHDN pin is internally pulled up
to the positive supply and the amplifier remains enabled.
100k
100k
4.7pF
CPAR
VOUT
VIN
6258960 F02
+
–
LTC6258
Figure 2.
Figure 3a. 10kHz Bandpass Filter
Figure 3b. Frequency Response of
10kHz Bandpass Filter of Figure 3a
APPLICATIONS INFORMATION
V+
V+
C1
4.7nF
C2
4.7nF
R2
21k
C3
4.7nF
R3
562
RA1
499k
6258 F03a
RA2
499k
CD1
1µF
R1
10k
R8
10k
IN
OUT
CD2
0.1µF
U1
LT6259
–
+
5dB/DIV
5dB
–45dB
6258 F03b
Active Filter
The bandpass filter Figure 3a is AC-coupled to an input.
As a result, LTC6259 input does not place a burden on
the previous stage to develop an absolute common mode
voltage. A simple resistor divider with RA1 and RA2
provides biasing for the LTC6259 inputs. Pegging the op
amp inputs to a fixed voltage helps to reduce distortion
that might arise with moving common mode. This filter is
centered at 10kHz. The exact resistance and capacitance
values can be tweaked upwards or downwards, depending
on whether lowest resistor noise or lowest total supply
current is more important.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com