Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6000 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6000
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6000 Datasheet HTML 12Page - Linear Technology LT6000 Datasheet HTML 13Page - Linear Technology LT6000 Datasheet HTML 14Page - Linear Technology LT6000 Datasheet HTML 15Page - Linear Technology LT6000 Datasheet HTML 16Page - Linear Technology LT6000 Datasheet HTML 17Page - Linear Technology LT6000 Datasheet HTML 18Page - Linear Technology LT6000 Datasheet HTML 19Page - Linear Technology LT6000 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC6261/LTC6262/LTC6263
16
626123fa
For more information www.linear.com/LTC6261
typicAl ApplicAtions
1VP-P
10µs/Div
1.0
1.5
2.0
2.5
3.0
3.5
4.0
626123 TA10
Butterworth Filter Response
The frequency response shows an expected roll-off of
three poles, an extended plateau, and a sharp roll-off; the
transient response includes a small amount of ringing.
BRIDGE-TIED DIFFERENTIAL OUTPUT AMPLIFIER
The low supply current at the bandwidth and noise per-
formance allows for excellent fidelity at a fraction of the
usual dissipation in portable audio equipment.
LTC6261
U2
C2
R3
4.99k
C5
1nF
C3
100pF
C4
100pF
R8
4.99k
RSPEAKER
120
R6
4.7
R2
10k
R9
4.7
R1
10k
R7
15k
10µF
3V
VM
VINV1
VIN
VINV2
NOISE FILTER
GAIN STAGE, OUTPUT DRIVE
INVERSION STAGE, OUTPUT DRIVE
AC COUPLED INPUT
626123 TA11
LTC6261
U1
3V
VM
Audio Headphones Bridge Driver
Headphonespeakerimpedancesrangefrom32Ωto300Ω;
their responsivity, from 80dB to 100dB SPL per 1mW and
beyond. As an example, considering a headphone speaker
with90dBSPLper1mW,ittakes100mWtoreach110dBSPL.
With 32Ω, the RMS current is 56mA and voltage 1.8V; with
120Ω, 29mA and 3.5V.
Given a 3.3V supply and the output of one LTC6261 am-
plifier there may not be sufficient drive capability to yield
100mW. However, the combination of two 180 degree
phased amplifiers is enough to provide the necessary
drive voltage or current to reach upwards of 100mW.
Duplication of this bridge drive circuit enables power to
both left and right sides.
TheLTC6263providesfouramplifiersinonesmallpackage.
Data from a two-amplifier LTC6262 driving what could be
Left or Right is shown below. Basic current consumption
of the two amplifiers, with as much as 1VP-P input but no
load, is 500µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com