Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS092B Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS092B
Description  20-W 48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS092B Datasheet(HTML) 3 Page - Texas Instruments

  SLTS092B Datasheet HTML 1Page - Texas Instruments SLTS092B Datasheet HTML 2Page - Texas Instruments SLTS092B Datasheet HTML 3Page - Texas Instruments SLTS092B Datasheet HTML 4Page - Texas Instruments SLTS092B Datasheet HTML 5Page - Texas Instruments SLTS092B Datasheet HTML 6Page - Texas Instruments SLTS092B Datasheet HTML 7Page - Texas Instruments SLTS092B Datasheet HTML 8Page - Texas Instruments SLTS092B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT4120 Series
20-W 48-V Input Isolated
DC/DC Converter
PT4122, 5.0 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Safe Operating Area, Vin =48V (See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4121, 3.3 VDC (See Note A)
PT4123, 12.0 VDC (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
50
60
70
80
90
012345
Iout (A)
36.0V
48.0V
75.0V
Vin
0
2
4
6
8
10
12
012345
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
123
45
Iout (A)
75.0V
48.0V
36.0V
Vin
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
36.0V
48.0V
75.0V
Vin
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
75.0V
48.0V
36.0V
Vin
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
36.0V
48.0V
75.0V
Vin
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
75.0V
48.0V
36.0V
Vin
Safe Operating Area, Vin =48V (See Note B)
Safe Operating Area, Vin =48V (See Note B)
20
30
40
50
60
70
80
90
012
34
5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
1234
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.25
0.5
0.75
1
1.25
1.5
1.75
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com