Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR710FZ1H6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STR710FZ1H6
Description  ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ1H6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STR710FZ1H6 Datasheet HTML 26Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 27Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 28Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 29Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 30Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 31Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 32Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 33Page - STMicroelectronics STR710FZ1H6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
30/49
2 ELECTRICAL CHARACTERISTICS
2.1 Absolute Maximum Ratings
This product contains devices to protect the inputs against damage due to high static
voltages. However, it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
For proper operation, it is recommended that VIN and VO be higher than VSS and lower than
V33. Reliability is enhanced if unused inputs are connected to an appropriate logic voltage
level (V33 or VSS).
Table 9. Absolute Maximum Ratings.
Note
Stresses exceeding above listed recommended “Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. During
overload conditions (VIN>V33 or VIN<VSS) the voltage on pins with respect to ground
(VSS) must not exceed the recommended values.
Symbol
Parameter
Value
Unit
Min
Max
V33
Voltage on V33 with respect to ground (VSS)
-0.3
+4.0
V
V33IO-PLL
Voltage on V33IO-PLL with respect to ground (VSS)
-0.3
+4.0
V
V18
Voltage on V18 with respect to ground (VSS)
-0.3
+2.0
V
V18BKP
Voltage on V18BKP with respect to ground (VSS)
-0.3
+2.0
V
AVDD
Voltage on AVDD pin with respect to ground (VSS)
-0.3
+4.0
V
AVSS
Voltage on AVSS with respect to ground (VSS)
-0.1
V33 + 0.1
V
VIN
Voltage on true open drain pin (P0.10) with respect to ground (VSS)
-0.3
+5.5
V
Voltage on any other pin with respect to ground (VSS)
-0.3
+4.0
IOV
Input current on any pin during overload condition
-10
+10
mA
ITDV
Absolute sum of all input currents during overload condition
|200|
mA
TST
Storage Temperature
–55
+150
°C
ESD
ESD Susceptibility (Human Body Model)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com