Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCK105 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VCK105
Description  Thyristor Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VCK105 Datasheet(HTML) 1 Page - IXYS Corporation

  VCK105 Datasheet HTML 1Page - IXYS Corporation VCK105 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
I
TRMS = 2x180A
I
TAVM = 2x105A
V
RRM = 800-1800 V
Thyristor Modules
ECO-PAC 2
VCK 105
Features
• Isolation voltage 3600 V~
• Planar glass passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
Applications
• DC motor control
• Light and temperature control
• Softstart AC motor controller
• Solid state switches
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling
• High power density
• Small and light weight
Preliminary Data
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
V
RSM
V
RRM
V
DSM
V
DRM
Typ
VV
900
800
VCK 105 - 08io7
1300
1200
VCK 105 - 12io7
1500
1400
VCK 105 - 14io7
1700
1600
VCK 105 - 16io7
1900
1800
VCK 105 - 18io7
Symbol
Conditions
Maximum Ratings
I
TRMS
180
A
I
TAVM
T
C = 85°C; 180° sine
105
A
I
TSM
T
VJ = 45°C; VR = 0 V;
t = 10 ms (50 Hz), sine
2250
A
t = 8.3 ms (60 Hz), sine
2400
A
T
VJ = 125°C; VR = 0 V;
t = 10 ms (50 Hz), sine
2000
A
t = 8.3 ms (60 Hz), sine
2150
A
I2dt
T
VJ = 45°C; VR = 0 V;
t = 10 ms (50 Hz), sine
25300
A2s
t = 8.3 ms (60 Hz), sine
23900
A2s
T
VJ = 125°C; VR = 0 V;
t = 10 ms (50 Hz), sine
20000
A2s
t = 8.3 ms (60 Hz), sine
19100
A2s
(di/dt)
cr
T
VJ = 125°C;
repetitive, I
T = 250 A
150
A/µs
f = 50 Hz; t
P = 200 µs;
V
D =
2/
3VDRM;
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.45 A/µs;
(dv/dt)
cr
T
VJ = 125°C; VDR =
2/
3VDRM
1000
V/µs
R
GK = ∞, method 1 (linear voltage rise)
P
GM
T
VJ = 125°C;
t
P =
30 ms
≤ 10
W
I
T = ITAVM;tP = 300 ms
≤ 5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40 ... + 125
°C
T
VJM
125
°C
T
stg
-40 ... + 125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V ~
I
ISOL < 1 mA
t = 1 s
3600
V ~
M
d
Mounting torque
(M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
Weight
typ.
26
g


Similar Part No. - VCK105

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
VCK190 AMD-VCK190 Datasheet
594Kb / 2P
Versal™ AI Core Series VCK190 Evaluation Kit
More results

Similar Description - VCK105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com