Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAY-T67F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LAY-T67F
Description  white P-LCC-4 package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAY-T67F Datasheet(HTML) 4 Page - OSRAM GmbH

  LAY-T67F Datasheet HTML 1Page - OSRAM GmbH LAY-T67F Datasheet HTML 2Page - OSRAM GmbH LAY-T67F Datasheet HTML 3Page - OSRAM GmbH LAY-T67F Datasheet HTML 4Page - OSRAM GmbH LAY-T67F Datasheet HTML 5Page - OSRAM GmbH LAY-T67F Datasheet HTML 6Page - OSRAM GmbH LAY-T67F Datasheet HTML 7Page - OSRAM GmbH LAY-T67F Datasheet HTML 8Page - OSRAM GmbH LAY-T67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2012-03-16
4
LAY T67F
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
yellow
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 50 mA
peak
624
597
nm
Dominantwellenlänge
5) Seite 15
Dominant wavelength5) page 15
I
F = 50 mA
dom
617
–5/+7
590*
–4/+2
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 50 mA
18
18
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
120
120
Grad
deg.
Durchlassspannung6) Seite 15
(min.)
Forward voltage
6) page 15
(typ.)
I
F = 50 mA
(max.)
V
F
V
F
V
F
1.90*
2.15
2.50
2.05*
2.15
2.65
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.2
10
0.2
10
A
A
Temperaturkoeffizient von
peak
(typ.)
Temperature coefficient of
peak
I
F = 50 mA; –10°C
T
100°C
TC
peak
0.14
0.12
nm/K
Temperaturkoeffizient von
dom
(typ.)
Temperature coefficient of
dom
I
F = 50 mA; –10°C
T
100°C
TC
dom
0.08
0.10
nm/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 50 mA
opt
55
47
lm/W
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung4) Seite 15
1 chip on (max.)
Junction / air
4) page 15
2 chips on (max.)
Sperrschicht / Lötpad
1 chip on (max.)
Junction / solder point
2 chips on (max.)
R
th JA
R
th JA
R
th JS
R
th JS
480**
650**
260**
260**
K/W
K/W
K/W
K/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5
**
R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com